Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8732 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA8732
Descripción Electrónicos  NICAM-728 demodulator NIDEM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8732 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8732 Datasheet HTML 2Page - NXP Semiconductors TDA8732 Datasheet HTML 3Page - NXP Semiconductors TDA8732 Datasheet HTML 4Page - NXP Semiconductors TDA8732 Datasheet HTML 5Page - NXP Semiconductors TDA8732 Datasheet HTML 6Page - NXP Semiconductors TDA8732 Datasheet HTML 7Page - NXP Semiconductors TDA8732 Datasheet HTML 8Page - NXP Semiconductors TDA8732 Datasheet HTML 9Page - NXP Semiconductors TDA8732 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
April 1993
6
Philips Semiconductors
Product specification
NICAM-728 demodulator (NIDEM)
TDA8732
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCCA
analog supply voltage
−0.3
6
V
VCCD
digital supply voltage
−0.3
6
V
QPSKIN
modulated data input voltage
−0.3
5.5
V
CFI
baseband cosine channel input voltage
−0.3
VCCA
V
SFI
baseband sine channel input voltage
−0.3
VCCA
V
CFO
demodulated cosine channel output voltage
−0.3
5.5
V
SFO
demodulated sine channel output voltage
−0.3
5.5
V
CAROSC
crystal input voltage for carrier oscillator
−0.3
5.5
V
CLKOSC
crystal input voltage for clock oscillator
−0.3
5.5
V
QMC,IMC
monostable output voltage
−0.3
VCCD
V
DATA
data output voltage
−0.3
5.5
V
CLK
clock output voltage
−0.3
5.5
V
C5M
reference frequency output voltage
−0.3
5.5
V
CLKIN
bit-rate clock input voltage
−0.3
6
V
TEST
input voltage for test purpose
−0.3
6
V
CLKLPF
bit-rate loop output voltage
−0.3
5.5
V
CARLPF
carrier loop output voltage
−0.3
5.5
V
Tamb
operating ambient temperature
0
70
°C
Tstg
storage temperature
−40
+125
°C
Tj
maximum junction temperature
+125
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
80 K/W


Número de pieza similar - TDA8732

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8730 PHILIPS-TDA8730 Datasheet
62Kb / 10P
   PLL FM demodulator for DBS signals
March 1991
TDA8735 PHILIPS-TDA8735 Datasheet
113Kb / 16P
   PLL frequency synthesizer
1998 Oct 23
TDA8735T PHILIPS-TDA8735T Datasheet
113Kb / 16P
   PLL frequency synthesizer
1998 Oct 23
More results

Descripción similar - TDA8732

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC44C404 FREESCALE-MC44C404_08 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
logo
STMicroelectronics
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
   NICAM QPSK DEMODULATOR
STV83X7 STMICROELECTRONICS-STV83X7 Datasheet
99Kb / 4P
   TV sound processor with analog broadcast demodulator for A2 and NICAM standards
TDA8204B STMICROELECTRONICS-TDA8204B Datasheet
227Kb / 12P
   NICAM DECODER
November 1994
logo
Toshiba Semiconductor
TB1212N TOSHIBA-TB1212N Datasheet
1Mb / 33P
   SINGLE CHIP NICAM SYSTEM
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
   NICAM/A2/EIA-J
logo
Toshiba Semiconductor
TA2047N TOSHIBA-TA2047N Datasheet
348Kb / 10P
   FILTER IC FOR NICAM
logo
Sony Corporation
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
283Kb / 19P
   NICAM/A2/EIA-J Digital Stereo Decoder
logo
ANADIGICS, Inc
AWB7224 ANADIGICS-AWB7224 Datasheet
777Kb / 9P
   728 - 768 MHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com