Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK14CA8-RF35ITR Datasheet(PDF) 11 Page - Simtek Corporation

No. de pieza STK14CA8-RF35ITR
Descripción Electrónicos  128Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIMTEK [Simtek Corporation]
Página de inicio  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14CA8-RF35ITR Datasheet(HTML) 11 Page - Simtek Corporation

Back Button STK14CA8-RF35ITR Datasheet HTML 7Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 8Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 9Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 10Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 11Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 12Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 13Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 14Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 15Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STK14CA8
11
February 2007
Document Control #ML0022 Rev 1.5
nvSRAM
The STK14CA8 nvSRAM is made up of two func-
tional components paired in the same physical cell.
These are the SRAM memory cell and a nonvolatile
QuantumTrap cell. The SRAM memory cell operates
like a standard fast static RAM. Data in the SRAM
can be transferred to the nonvolatile cell (the
STORE operation), or from the nonvolatile cell to
SRAM (the RECALL operation). This unique archi-
tecture allows all cells to be stored and recalled in
parallel. During the STORE and RECALL operations
SRAM READ and WRITE operations are inhibited.
The STK14CA8 supports unlimited read and writes
like a typical SRAM. In addition, it provides unlimited
RECALL operations from the nonvolatile cells and
up to 200K STORE operations.
SRAM READ
The STK14CA8 performs a READ cycle whenever
E and G are low while W and HSB are high. The
address specified on pins A0-16 determine which of
the 131,072 data bytes will be accessed. When the
READ is initiated by an address transition, the out-
puts will be valid after a delay of tAVQV (READ cycle
#1). If the READ is initiated by E and G, the outputs
will be valid at tELQV or at tGLQV, whichever is later
(READ cycle #2). The data outputs will repeatedly
respond to address changes within the tAVQV
access time without the need for transitions on any
control input pins, and will remain valid until another
address change or until E or G is brought high, or W
and HSB is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low and HSB is high. The address inputs must be
stable prior to entering the WRITE cycle and must
remain stable until either E or W goes high at the
end of the cycle. The data on the common I/O pins
DQ0-7 will be written into memory if it is valid tDVWH
before the end of a W controlled WRITE or tDVEH
before the end of an E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
common I/O lines. If G is left low, internal circuitry
will turn off the output buffers tWLQZ after W goes
low.
AutoStore OPERATION
The STK14CA8 stores data to nvSRAM using one
of three storage operations. These three operations
are Hardware Store (activated by HSB), Software
Store (activated by an address sequence), and
AutoStore (on power down).
AutoStore operation is a unique feature of Simtek
QuanumTrap technology is enabled by default on
the STK14CA8.
During normal operation, the device will draw cur-
rent from VCC to charge a capacitor connected to
the VCAP pin. This stored charge will be used by the
chip to perform a single STORE operation. If the
voltage on the VCC pin drops below VSWITCH, the
part will automatically disconnect the VCAP pin from
VCC. A STORE operation will be initiated with power
provided by the VCAP capacitor.
Figure 3 shows the proper connection of the storage
capacitor (VCAP) for automatic store operation.
Refer to the DC CHARACTERISTICS table for the
size of VCAP. The voltage on the VCAP pin is driven
to 5V by a charge pump internal to the chip. A pull
up should be placed on W to hold it inactive during
power up.
To reduce unneeded nonvolatile stores, AutoStore
and Hardware Store operations will be ignored
unless at least one WRITE operation has taken
place since the most recent STORE or RECALL
cycle. Software initiated STORE cycles are per-
formed regardless of whether a WRITE operation
nvSRAM OPERATION
VCC
VCC
VCAP
W
Figure 3. AutoStore Mode


Número de pieza similar - STK14CA8-RF35ITR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK14CA8-RF35ITR SIMTEK-STK14CA8-RF35ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF35ITR CYPRESS-STK14CA8-RF35ITR Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
More results

Descripción similar - STK14CA8-RF35ITR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com