Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK10C68-L35M Datasheet(PDF) 6 Page - Simtek Corporation

No. de pieza STK10C68-L35M
Descripción Electrónicos  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIMTEK [Simtek Corporation]
Página de inicio  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C68-L35M Datasheet(HTML) 6 Page - Simtek Corporation

Back Button STK10C68-L35M Datasheet HTML 2Page - Simtek Corporation STK10C68-L35M Datasheet HTML 3Page - Simtek Corporation STK10C68-L35M Datasheet HTML 4Page - Simtek Corporation STK10C68-L35M Datasheet HTML 5Page - Simtek Corporation STK10C68-L35M Datasheet HTML 6Page - Simtek Corporation STK10C68-L35M Datasheet HTML 7Page - Simtek Corporation STK10C68-L35M Datasheet HTML 8Page - Simtek Corporation STK10C68-L35M Datasheet HTML 9Page - Simtek Corporation STK10C68-L35M Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STK10C68
March 2006
6
Document Control # ML0006 rev 0.2
MODE SELECTION
Note l:
An automatic RECALL takes place at power up, starting when VCC exceeds 4.25V and taking tRESTORE.
STORE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note m: Measured with W and NE both returned high, and G returned low. STORE cycles are inhibited below 4.0V.
Note n:
Once tWC has been satisfied by NE, G, W and E, the STORE cycle is completed automatically. Any of NE, G, W or E may be used to terminate
the STORE initiation cycle.
Note o:
If E is low for any period of time in which W is high while G and NE are low, then a RECALL cycle may be initiated.
STORE CYCLE #1: W Controlledo
STORE CYCLE #2: E Controlledo
E
W
G
NE
MODE
POWER
H
X
X
X
Not Selected
Standby
L
H
L
H
Read SRAM
Active
L
L
X
H
Write SRAM
Active
L
H
L
L
Nonvolatile RECALLl
Active
L
L
H
L
Nonvolatile STORE
ICC2
L
L
L
H
L
H
L
X
No Operation
Active
NO.
SYMBOLS
PARAMETER
MIN
MAX
UNITS
#1
#2
Alt.
26
tWLQX
m
tELQX
tSTORE
STORE Cycle Time
10
ms
27
tWLNH
n
tELNH
tWC
STORE Initiation Cycle Time
20
ns
28
tGHNL
Output Disable Set-up to NE Fall
0
ns
29
tGHEL
Output Disable Set-up to E Fall
0
ns
30
tNLWL
tNLEL
NE Set-up
0
ns
31
tELWL
Chip Enable Set-up
0
ns
32
tWLEL
Write Enable Set-up
0
ns
HIGH IMPEDANCE
NE
G
W
E
DQ (DATA OUT)
28
tGHNL
30
tNLWL
27
tWLNH
31
tELWL
26
tWLQX
NE
G
W
E
DQ (DATA OUT)
HIGH IMPEDANCE
30
tNLEL
29
tGHEL
32
tWLEL
27
tELNH
26
tELQX


Número de pieza similar - STK10C68-L35M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK10C68-L35M ETC1-STK10C68-L35M Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Descripción similar - STK10C68-L35M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com