Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1313-CO2EUNTR Datasheet(PDF) 11 Page - Microchip Technology |
|
TC1313-CO2EUNTR Datasheet(HTML) 11 Page - Microchip Technology |
11 / 28 page © 2005 Microchip Technology Inc. DS21974A-page 11 TC1313 Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN = 4.7 µF, COUT2 =1 µF, L =4.7 µH, VOUT1 (ADJ) = 1.8V, TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed- output voltage options can be used to generate the Typical Performance Characteristics. FIGURE 2-25: VOUT2 Dropout Voltage vs. Ambient Temperature (VOUT2 = 2.5V). FIGURE 2-26: VOUT2 Dropout Voltage vs. Ambient Temperature (VOUT2 = 3.3V). FIGURE 2-27: VOUT2 Line Regulation vs. Ambient Temperature. FIGURE 2-28: VOUT2 Load Regulation vs. Ambient Temperature. FIGURE 2-29: VOUT2 Power Supply Ripple Rejection vs. Frequency. FIGURE 2-30: VOUT2 Noise vs. Frequency. 0.05 0.10 0.15 0.20 0.25 0.30 Ambient Temperature (°C) IOUT2 = 200 mA IOUT2 = 300 mA SHDN1 = AGND SHDN2 = VIN2 0.0 0.1 0.2 0.3 -40 -25 -10 5 20 35 50 65 80 95 110 125 Ambient Temperature (°C) IOUT2 = 200 mA SHDN1 = AGND SHDN2 = VIN2 IOUT2 = 300 mA -0.035 -0.030 -0.025 -0.020 -0.015 -0.010 -0.005 0.000 0.005 -40 -25 -10 5 20 35 50 65 80 95 110 125 Ambient Temperature (°C) VOUT2 = 3.3V IOUT2 = 100 µA SHDN1 = AGND SHDN2 = VIN2 VOUT2 = 2.5V VOUT2 = 1.5V -0.4 -0.3 -0.2 -0.1 0.0 0.1 Ambient Temperature (°C) VOUT2 = 3.3V VIN2 = 3.6V SHDN1 = AGND SHDN2 = VIN2 VOUT2 = 2.6V VOUT2 = 1.5V -80 -70 -60 -50 -40 -30 -20 -10 0 0.01 0.1 1 10 100 1000 Frequency (kHz) SHDN1 = GND VOUT2 = 1.5V IOUT2 = 30 mA CIN = 0 µF COUT2 = 1.0 µF COUT2 = 4.7 µF 0.01 0.1 1 10 0.01 0.1 1 10 100 1000 10000 Frequency (kHz) SHDN1 = AGND SHDN2 = VIN2 VIN = 3.6V VOUT2 = 2.5V IOUT2 = 50 mA |
Número de pieza similar - TC1313-CO2EUNTR |
|
Descripción similar - TC1313-CO2EUNTR |