Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA8776 Datasheet(PDF) 4 Page - NXP Semiconductors |
|
TDA8776 Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 20 page 1996 Jun 04 4 Philips Semiconductors Product specification 10-bit, 500 Msps Digital-to-Analog Converter (DAC) TDA8776 PINNING SYMBOL PIN DESCRIPTION n.c. 1 not connected DGND1 2 digital ground 1 VEED1 3 digital supply voltage 1 ( −5.2 V) VEED2 4 digital supply voltage 2 ( −5.2 V) AGND1 5 analog ground 1 VOUT1 6 analog voltage output 1 VOUT2 7 analog voltage output 2 VOUT1 8 complementary analog voltage output 1 VOUT2 9 complementary analog voltage output 2 AGND2 10 analog ground 2 VEED3 11 digital supply voltage 3 ( −5.2 V) IGND 12 input ground for ECL input buffers D0 13 data input; bit 0 (LSB) D1 14 data input; bit 1 D2 15 data input; bit 2 D3 16 data input; bit 3 D4 17 data input; bit 4 D5 18 data input; bit 5 D6 19 data input; bit 6 D7 20 data input; bit 7 D8 21 data input; bit 8 D9 22 data input; bit 9 (MSB) n.c. 23 not connected VEEA 24 analog supply voltage ( −5.2 V) VEEI 25 input supply voltage for ECL input buffers ( −5.2 V) CLK 26 complementary clock input CLK 27 clock input DGND2 28 digital ground 2 SYMBOL PIN DESCRIPTION Fig.2 Pin configuration. handbook, halfpage 5 6 7 8 9 10 11 25 24 23 22 21 20 19 TDA8776 D6 D7 D8 D9 n.c. VEEA V OUT1 V OUT1 V OUT2 V OUT2 VEEI V EED3 MLD201 AGND1 AGND2 |
Número de pieza similar - TDA8776 |
|
Descripción similar - TDA8776 |