Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8784 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA8784
Descripción Electrónicos  18 Msps, 10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8784 Datasheet HTML 3Page - NXP Semiconductors TDA8784 Datasheet HTML 4Page - NXP Semiconductors TDA8784 Datasheet HTML 5Page - NXP Semiconductors TDA8784 Datasheet HTML 6Page - NXP Semiconductors TDA8784 Datasheet HTML 7Page - NXP Semiconductors TDA8784 Datasheet HTML 8Page - NXP Semiconductors TDA8784 Datasheet HTML 9Page - NXP Semiconductors TDA8784 Datasheet HTML 10Page - NXP Semiconductors TDA8784 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1999 Sep 21
7
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. The supply voltages VCCA, VCCD and VCCO may have any value between −0.3 and +7.0 V provided that the supply
voltage difference
∆VCC remains as indicated.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCCA
analog supply voltage
note 1
−0.3
+7.0
V
VCCD
digital supply voltage
note 1
−0.3
+7.0
V
VCCO
output stages supply voltage
note 1
−0.3
+7.0
V
∆V
CC
supply voltage difference
between VCCA and VCCD
−1.0
+1.0
V
between VCCA and VCCO
−1.0
+4.0
V
between VCCD and VCCO
−1.0
+4.0
V
Vi
input voltage
referenced to AGND
−0.3
+7.0
V
VCLK(p-p)
AC input voltage for switching
(peak-to-peak value)
referenced to DGND
VCCD
V
Io
output current
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−20
+75
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
76
K/W


Número de pieza similar - TDA8784

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Descripción similar - TDA8784

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com