Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1055-2.5VCT713 Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza TC1055-2.5VCT713
Descripción Electrónicos  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1055-2.5VCT713 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1055-2.5VCT713 Datasheet HTML 3Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 4Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 5Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 6Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 7Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 8Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 9Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 10Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21350D-page 7
TC1054/TC1055/TC1186
Note: Unless otherwise indicated, VIN = VOUT + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-19:
Measure Rise Time of 5.0V
LDO.
FIGURE 2-20:
Thermal Shutdown
Response of 5.0V LDO.
FIGURE 2-21:
Measure Fall Time of 3.3V
LDO.
FIGURE 2-22:
Measure Fall Time of 5.0V
LDO.
VSHDN
VOUT
Conditions: CIN = 1 µF, COUT = 1 µF,
ILOAD = 100 mA, VIN = 6V, Temp = +25°C,
Fall Time = 192 µs
VOUT
Conditions: VIN = 6V, CIN = 0 µF, COUT = 1 µF
ILOAD was increased until temperature of die
reached about 160°C, at which time integrated ther-
mal protection circuitry shuts the regulator off when
die temperature exceeds approximately 160°C. The
regulator remains off until die temperature drops to
approximately 150°C.
VSHDN
VOUT
Conditions: CIN = 1 µF, COUT = 1 µF,
ILOAD = 100 mA, VIN = 4.3V, Temp = +25°C,
Fall Time = 52 µs
VSHDN
VOUT
Conditions: CIN = 1 µF, COUT = 1 µF,
ILOAD = 100 mA, VIN = 6V, Temp = +25°C,
Fall Time = 88 µs


Número de pieza similar - TC1055-2.5VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1055-2.5VCT713 MICROCHIP-TC1055-2.5VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
More results

Descripción similar - TC1055-2.5VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com