Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1055-2.5VCT713 Datasheet(PDF) 2 Page - Microchip Technology

No. de pieza TC1055-2.5VCT713
Descripción Electrónicos  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1055-2.5VCT713 Datasheet(HTML) 2 Page - Microchip Technology

  TC1055-2.5VCT713 Datasheet HTML 1Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 2Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 3Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 4Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 5Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 6Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 7Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 8Page - Microchip Technology TC1055-2.5VCT713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC1054/TC1055/TC1186
DS21350D-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ....................................................................6.5V
Output Voltage .....................................(-0.3V) to (VIN + 0.3V)
Power Dissipation ......................... Internally Limited (Note 6)
Maximum Voltage on Any Pin ...................VIN +0.3V to -0.3V
Operating Junction Temperature Range .. -40°C < TJ < 125°C
Storage Temperature.....................................-65°C to +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VOUT + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
6.0
V
Note 8
Maximum Output Current
IOUTMAX
50
100
150
mA
TC1054
TC1055
TC1186
Output Voltage
VOUT
VR – 2.5% VR ±0.5% VR + 2.5%
V
Note 1
VOUT Temperature Coefficient
TCVOUT
20
40
ppm/°C Note 2
Line Regulation
ΔVOUT/ΔVIN
—0.05
0.35
%(VR + 1V) ≤ VIN ≤ 6V
Load Regulation:
TC1054; TC1055
TC1186
ΔVOUT/VOUT
0.5
0.5
2
3
%
(Note 3)
IL = 0.1 mA to IOUTMAX
IL = 0.1 mA to IOUTMAX
Dropout Voltage:
TC1055; TC1186
TC1186
VIN-VOUT
2
65
85
180
270
120
250
400
mV
IL = 100 µA
IL = 20 mA
IL = 50 mA
IL = 100 mA
IL = 150 mA (Note 4)
Supply Current
IIN
—50
80
µA
SHDN = VIH, IL = 0 µA (Note 9)
Shutdown Supply Current
IINSD
0.05
0.5
µA
SHDN = 0V
Power Supply Rejection Ratio
PSRR
64
dB
f
≤ 1kHz
Output Short Circuit Current
IOUTSC
300
450
mA
VOUT = 0V
Thermal Regulation
ΔVOUT/ΔPD
—0.04
V/W
Notes 5, 6
Thermal Shutdown Die
Temperature
TSD
160
°C
Thermal Shutdown Hysteresis
ΔTSD
—10—
°C
Note 1: VR is the regulator output voltage setting. For example: VR = 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V.
2:
3: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value.
5: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations”, “Ther-
mal Considerations”, for more details.
7: Hysteresis voltage is referenced by VR.
8: The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX.
9: Apply for junction temperatures of -40C to +85C.
TC VOUT = (VOUTMAX – VOUTMIN)x 106
VOUT x ΔT


Número de pieza similar - TC1055-2.5VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1055-2.5VCT713 MICROCHIP-TC1055-2.5VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
More results

Descripción similar - TC1055-2.5VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com