Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1054-2.6VCT713 Datasheet(PDF) 9 Page - Microchip Technology

No. de pieza TC1054-2.6VCT713
Descripción Electrónicos  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1054-2.6VCT713 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1054-2.6VCT713 Datasheet HTML 5Page - Microchip Technology TC1054-2.6VCT713 Datasheet HTML 6Page - Microchip Technology TC1054-2.6VCT713 Datasheet HTML 7Page - Microchip Technology TC1054-2.6VCT713 Datasheet HTML 8Page - Microchip Technology TC1054-2.6VCT713 Datasheet HTML 9Page - Microchip Technology TC1054-2.6VCT713 Datasheet HTML 10Page - Microchip Technology TC1054-2.6VCT713 Datasheet HTML 11Page - Microchip Technology TC1054-2.6VCT713 Datasheet HTML 12Page - Microchip Technology TC1054-2.6VCT713 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21350D-page 9
TC1054/TC1055/TC1186
4.0
DETAILED DESCRIPTION
The TC1054, TC1055 and TC1186 are precision fixed
output voltage regulators (If an adjustable version is
desired, please see the TC1070/TC1071/TC1187 data
sheet (DS21353)). Unlike bipolar regulators, the
TC1054, TC1055 and TC1186 supply current does not
increase with load current.
Figure 4-1 shows a typical application circuit, where the
regulator is enabled any time the shutdown input
(SHDN) is at or above VIH, and shutdown (disabled)
when SHDN is at or below VIL. SHDN may be
controlled by a CMOS logic gate or I/O port of a
microcontroller. If the SHDN input is not required, it
should be connected directly to the input supply. While
in shutdown, supply current decreases to 0.05 µA
(typical), VOUT falls to zero volts, and ERROR is open-
circuited.
FIGURE 4-1:
Typical Application Circuit.
4.1
ERROR Open-Drain Output
ERROR is driven low whenever VOUT falls out of
regulation by more than -5% (typical). This condition
may be caused by low input voltage, output current
limiting or thermal limiting. The ERROR threshold is 5%
below rated VOUT, regardless of the programmed
output voltage value (e.g. ERROR = VOL at 4.75V (typ.)
for a 5.0V regulator and 2.85V (typ.) for a 3.0V
regulator). ERROR output operation is shown in
Figure 4-2.
Note that ERROR is active when VOUT falls to VTH and
inactive when VOUT rises above VTH by VHYS.
As shown in Figure 4-1, ERROR can be used either as
a battery low flag or as a processor RESET signal (with
the addition of timing capacitor C2). R1 x C2 should be
chosen to maintain ERROR below VIH of the processor
RESET input for at least 200 ms to allow time for the
system to stabilize. Pull-up resistor R1 can be tied to
VOUT, VIN or any other voltage less than (VIN + 0.3V).
FIGURE 4-2:
Error Output Operation.
4.2
Output Capacitor
A 1 µF (minimum) capacitor from VOUT to ground is
recommended. The output capacitor should have an
effective series resistance greater than 0.1
Ω and less
than 5.0
Ω, with a resonant frequency above 1 MHz. A
1 µF capacitor should be connected from VIN to GND if
there is more than 10 inches of wire between the
regulator and the AC filter capacitor or if a battery is
used as the power source. Aluminum electrolytic or
tantalum capacitor types can be used (Since many
aluminum electrolytic capacitors freeze at approxi-
mately -30°C, solid tantalums are recommended for
applications operating below -25°C.). When operating
from sources other than batteries, supply-noise
rejection and transient response can be improved by
increasing the value of the input and output capacitors
and employing passive filtering techniques.
or RESET
TC1054
TC1055
TC1186
VOUT
SHDN
GND
ERROR
+
VIN
VOUT
Shutdown Control
(to CMOS Logic or Tie
to VIN if unused)
1µF
+
Battery
+
0.2 µF
C2
C2 Required Only
if ERROR is used as a
Processor RESET Signal
(See Text)
R1
1MW
V+
BATTLOW
1µF
C1
VTH
VOUT
ERROR
VIH
VOL
HYSTERESIS (VH)
tDELAY


Número de pieza similar - TC1054-2.6VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1054-2.6VCT713 MICROCHIP-TC1054-2.6VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
More results

Descripción similar - TC1054-2.6VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com