Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8784H Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA8784H
Descripción Electrónicos  18 Msps, 10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784H Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8784H Datasheet HTML 7Page - NXP Semiconductors TDA8784H Datasheet HTML 8Page - NXP Semiconductors TDA8784H Datasheet HTML 9Page - NXP Semiconductors TDA8784H Datasheet HTML 10Page - NXP Semiconductors TDA8784H Datasheet HTML 11Page - NXP Semiconductors TDA8784H Datasheet HTML 12Page - NXP Semiconductors TDA8784H Datasheet HTML 13Page - NXP Semiconductors TDA8784H Datasheet HTML 14Page - NXP Semiconductors TDA8784H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1999 Sep 21
11
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
Note
1. Noise measurement at ADC outputs: the coupling capacitor at the input is connected to ground, so that only the noise
contribution of the front-end is evaluated. The front-end operates at 18 Mpix with a line of 1024 pixels. The first 40 are
used to run CLPOB and the last 40 to run CLPDM. Data at the ADC outputs is measured during the other pixels.
The differences between the types of codes statistic is then computed; the result is the noise. No quantization noise
is taken into account as no signal is input.
ZOFDOUT
additional 8-bit control DAC
(OFD) output impedance
2000
−Ω
IOFDOUT
OFD output current drive
static
−−
50
µA
ADC clamp control DAC (see Fig.8)
VDACOUT(p-p)
ADC clamp 10-bit control
DAC output voltage
(peak-to-peak value)
1
V
VDACOUT
DC output voltage
code 0
1.5
V
code 1023
2.5
V
ZDACOUT
ADC clamp control DAC
output impedance
−−
250
IDACOUT
DAC output current drive
static
−−
50
µA
OFELOOP
maximum offset error of
DAC + ADC clamp loop
code 0
−±5
LSB
code 1023
−±5
LSB
Digital outputs (fCLK = 18 MHz; CL =20pF)
VOH
HIGH-level output voltage
IOH = −1mA
VCCO − 0.5 −
VCCO
V
VOL
LOW-level output voltage
IOL =1mA
0
0.5
V
IOZ
output current in 3-state mode 0V<Vo <VCCO
−20
+20
µA
to(h)
output hold time
see Fig.5
8
−−
ns
to(d)
output delay time
Ci = 20 pF; VCCO =5V
17
23
ns
Ci =10pF
15
21
ns
Ci = 20 pF; VCCO =3V
20
29
ns
Ci =10pF
17
25
ns
Ci = 20 pF; VCCO = 2.5 V
22
33
ns
Ci =10pF
18
28
ns
Serial interface
fSCLK(max)
maximum frequency of serial
interface
5
−−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Número de pieza similar - TDA8784H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Descripción similar - TDA8784H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com