Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1121COA Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza TC1121COA
Descripción Electrónicos  100mA Charge Pump Voltage Converter with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121COA Datasheet(HTML) 3 Page - Microchip Technology

  TC1121COA Datasheet HTML 1Page - Microchip Technology TC1121COA Datasheet HTML 2Page - Microchip Technology TC1121COA Datasheet HTML 3Page - Microchip Technology TC1121COA Datasheet HTML 4Page - Microchip Technology TC1121COA Datasheet HTML 5Page - Microchip Technology TC1121COA Datasheet HTML 6Page - Microchip Technology TC1121COA Datasheet HTML 7Page - Microchip Technology TC1121COA Datasheet HTML 8Page - Microchip Technology TC1121COA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21358C-page 3
TC1121
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VDD) ............................................... 6V
OSC, FC, SHDN Input Voltage ..... -0.3V to (V+ + 0.3V)
Output Short Circuit Duration ........................... 10 Sec.
Package Power Dissipation (TA ≤ 70°C)
8-Pin PDIP .............................................. 730 mW
8-Pin SOIC .............................................. 470 mW
8-Pin MSOP ............................................ 333 mW
Operating Temperature Range
C Suffix............................................ 0°C to +70°C
E Suffix......................................... -40°C to +85°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC1121 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = 0°C to 70°C (C suffix), -40°C to +85°C (E suffix), V
+= 5V ±10% C
OSC = Open, C1, C2 = 10 μF,
FC = V+, SHDN = VIH, typical values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
IDD
Active Supply Current
50
0.6
100
1
μA
mA
RL = Open, FC = Open or GND
RL = Open, FC = V
+
ISHUTDOWN
Shutdown Supply Current
0.2
1.0
μASHDN = 0V
V+
Supply Voltage
2.4
5.5
V
VIH
SHDN Input Logic High
VDD x 0.8
V
VIL
SHDN Input Logic Low
0.4
V
IIN
Input Leakage Current
-1
-4
1
4
μASHDN, OSC
FC pin
ROUT
Output Source Resistance
12
20
Ω
IOUT = 60 mA
IOUT
Output Current
60
100
VOUT = more negative than -3.75V
FOSC
Oscillator Frequency
5
100
10
200
kHz
Pin 7 Open, Pin 1 Open or GND
SHDN = VIH, Pin 1 = V
+
PEFF
Power Efficiency
93
94
97
97
92
%
FC = GND for all
RL = 2k between V
+ and V
OUT
RL = 1kΩ between VOUT and GND
IL = 60 mA to GND
VEFF
Voltage Conversion Efficiency
99
99.9
%
RL = Open
Note
1:
Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latch-up. It is recommended that no
inputs from sources operating from external supplies be applied prior to “power up” of the TC1121.


Número de pieza similar - TC1121COA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1121COA MICROCHIP-TC1121COA Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121COA MICROCHIP-TC1121COA Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
More results

Descripción similar - TC1121COA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
   100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com