Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1121CPA Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC1121CPA
Descripción Electrónicos  100mA Charge Pump Voltage Converter with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121CPA Datasheet(HTML) 4 Page - Microchip Technology

  TC1121CPA Datasheet HTML 1Page - Microchip Technology TC1121CPA Datasheet HTML 2Page - Microchip Technology TC1121CPA Datasheet HTML 3Page - Microchip Technology TC1121CPA Datasheet HTML 4Page - Microchip Technology TC1121CPA Datasheet HTML 5Page - Microchip Technology TC1121CPA Datasheet HTML 6Page - Microchip Technology TC1121CPA Datasheet HTML 7Page - Microchip Technology TC1121CPA Datasheet HTML 8Page - Microchip Technology TC1121CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1121
DS21358C-page 4
© 2006 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin MSOP,
PDIP, SOIC)
Symbol
Description
1
FC
Frequency control for internal oscillator, FC = open, FOSC = 10 kHz typ; FC = V
+, F
OSC
= 200 kHz typ; FC has no effect when OSC pin is driven externally.
2CAP+
Charge-pump capacitor, positive terminal.
3
GND
Power-supply ground input.
4CAP
Charge-pump capacitor, negative terminal.
5
OUT
Output, negative voltage.
6
SHDN
Shutdown.
7
OSC
Oscillator control input. An external capacitor can be added to slow the oscillator. Take
care to minimize stray capacitance. An external oscillator also may be connected to
overdrive OSC.
8V+
Power-supply positive voltage input.


Número de pieza similar - TC1121CPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1121CPA MICROCHIP-TC1121CPA Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121CPA MICROCHIP-TC1121CPA Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
More results

Descripción similar - TC1121CPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
   100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com