Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1121CUA Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza TC1121CUA
Descripción Electrónicos  100mA Charge Pump Voltage Converter with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121CUA Datasheet(HTML) 5 Page - Microchip Technology

  TC1121CUA Datasheet HTML 1Page - Microchip Technology TC1121CUA Datasheet HTML 2Page - Microchip Technology TC1121CUA Datasheet HTML 3Page - Microchip Technology TC1121CUA Datasheet HTML 4Page - Microchip Technology TC1121CUA Datasheet HTML 5Page - Microchip Technology TC1121CUA Datasheet HTML 6Page - Microchip Technology TC1121CUA Datasheet HTML 7Page - Microchip Technology TC1121CUA Datasheet HTML 8Page - Microchip Technology TC1121CUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21358C-page 5
TC1121
3.0
APPLICATIONS
3.1
Negative Voltage Converter
The TC1121 is typically used as a charge-pump voltage
inverter. C1 and C2 are the only two external capacitors
used in the operating circuit (Figure 3-1).
FIGURE 3-1:
Charge Pump Inverter
The TC1121 is not sensitive to load current changes,
although its output is not actively regulated. A typical
output source resistance of 11.8
Ω means that an input
of +5V results in -5V output voltage under light load,
and only decreases to -3.8V typ with a 100 mA load.
The supplied output current is from capacitor C2 during
one-half the charge-pump cycle. This results in a
peak-to-peak ripple of:
VRIPPLE = IOUT/2(fPUMP) (C2) + IOUT (ESRC2)
Where fPUMP is 5 kHz (one half the nominal 10 kHz
oscillator frequency), and C2 = 150
μF with an ESR of
0.2
Ω, ripple is about 90 mV with a 100 mA load current.
If C2 is raised to 390
μF, the ripple drops to 45 mV.
3.2
Changing Oscillator Frequency
The TC1121’s clock frequency is controlled by four
modes:
TABLE 3-1:
OSCILLATOR FREQUENCY
MODES
The oscillator runs at 10 kHz (typical) when FC and
OSC are not connected. The oscillator frequency is
lowered by connecting a capacitor between OSC and
GND, but FC can still multiply the frequency by 20
times in this mode.
An external clock source that swings within 100 mV of
V+ and GND may overdrive OSC in the Inverter mode.
OSC can be driven by any CMOS logic output. When
OSC is overdriven, FC has no effect.
Note that the frequency of the signal appearing at
CAP+ and CAPis half that of the oscillator. In addition,
by lowering the oscillator frequency, the effective
output resistance of the charge-pump increases. To
compensate for this, the value of the charge-pump
capacitors may be increased.
Because the 5 kHz output ripple frequency may be low
enough to interfere with other circuitry, the oscillator
frequency can be increased with the use of the FC pin
or an external oscillator. The output ripple frequency is
half the selected oscillator frequency. Although the
TC1121’s quiescent current will increase if the clock
frequency is increased, it allows smaller capacitance
values to be used for C1 and C2.
3.3
Capacitor Selection
In addition to load current, the following factors affect
the TC1121 output voltage drop from its ideal value 1)
output resistance, 2) pump (C1) and reservoir (C2)
capacitor ESRs and 3) C1 and C2 capacitance.
The voltage drop is the load current times the output
resistance. The loss in C2 is the load current times C2’s
ESR; C1’s loss is larger because it handles currents
greater than the load current during charge-pump
operation. Therefore, the voltage drop due to C1 is
about four times C1’s ESR multiplied by the load
current, and a low (or high) ESR capacitor has a
greater impact on performance for C1 than for C2.
In general, as the TC1121’s pump frequency increases,
capacitance values needed to maintain comparable
ripple and output resistance diminish proportionately.
4
36
7
8
5
2
1
C1
C2
2.4V to 5.5V
VOUT
TC1121
GND
OSC
CAP+
CAP
FC
VOUT
VIN
SHDN
*SHDN should be tied to VIN if not used.
SHDN*
+
+
FC
OSC
Oscillator Frequency
Open
Open
10 kHz
FC = V+
Open
200 kHz
Open or
FC = V+
External Capacitor
See Typical Operating
Characteristics
Open
External Clock
External Clock Frequency


Número de pieza similar - TC1121CUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1121CUA MICROCHIP-TC1121CUA Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121CUA MICROCHIP-TC1121CUA Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
More results

Descripción similar - TC1121CUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
   100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com