Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1121CUA Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza TC1121CUA
Descripción Electrónicos  100mA Charge Pump Voltage Converter with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121CUA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1121CUA Datasheet HTML 2Page - Microchip Technology TC1121CUA Datasheet HTML 3Page - Microchip Technology TC1121CUA Datasheet HTML 4Page - Microchip Technology TC1121CUA Datasheet HTML 5Page - Microchip Technology TC1121CUA Datasheet HTML 6Page - Microchip Technology TC1121CUA Datasheet HTML 7Page - Microchip Technology TC1121CUA Datasheet HTML 8Page - Microchip Technology TC1121CUA Datasheet HTML 9Page - Microchip Technology TC1121CUA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC1121
DS21358C-page 6
© 2006 Microchip Technology Inc.
3.4
Cascading Devices
To produce greater negative magnitudes of the initial
supply voltage, the TC1121 may be cascaded (see
Figure 3-2). Resulting output resistance is approxi-
mately equal to the sum of individual TC1121 ROUT
values. The output voltage (where n is an integer
representing the number of devices cascaded) is
defined by VOUT = -n (VIN).
3.5
Paralleling Devices
To reduce output resistance, multiple TC1121s may be
paralleled (see Figure 3-3). Each device needs a pump
capacitor C1, but the reservoir capacitor C2 serves all
devices. The value of C2 should be increased by a
factor of n (the number of devices).
FIGURE 3-2:
Cascading TC1121s to Increase Output Voltage
FIGURE 3-3:
Paralleling TC1121s to Reduce Output Resistance
C1
C1n
4
4
3
2
3
5
8
8
7
5
2
C2
VIN
+
C2n
TC1121
TC1121
GND
GND
OSC
OSC
CAP+
CAP+
CAP
CAP
FC
FC
SHDN
VOUT
VOUT
VIN
VOUT
VIN
SHDN
SHDN*
SHDN*
“1”
“n”
+
+
+
+
*SHDN should be tied to VIN if not used.
C1
C1n
4
4
3
2
3
5
8
8
7
5
2
C2
V+IN
TC1121
TC1121
GND
GND
OSC
OSC
CAP+
CAP+
CAP
CAP
FC
FC
SHDN
VOUT
VOUT
VIN
VIN
SHDN
SHDN*
SHDN*
*SHDN should be tied to VIN if not used.
“1”
“n”
+
+
+
7
OSC
ROUT = ROUT (of TC1121)/n(number of devices)


Número de pieza similar - TC1121CUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1121CUA MICROCHIP-TC1121CUA Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121CUA MICROCHIP-TC1121CUA Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
More results

Descripción similar - TC1121CUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
   100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com