Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1186-3.3VCT713 Datasheet(PDF) 1 Page - Microchip Technology

No. de pieza TC1186-3.3VCT713
Descripción Electrónicos  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186-3.3VCT713 Datasheet(HTML) 1 Page - Microchip Technology

  TC1186-3.3VCT713 Datasheet HTML 1Page - Microchip Technology TC1186-3.3VCT713 Datasheet HTML 2Page - Microchip Technology TC1186-3.3VCT713 Datasheet HTML 3Page - Microchip Technology TC1186-3.3VCT713 Datasheet HTML 4Page - Microchip Technology TC1186-3.3VCT713 Datasheet HTML 5Page - Microchip Technology TC1186-3.3VCT713 Datasheet HTML 6Page - Microchip Technology TC1186-3.3VCT713 Datasheet HTML 7Page - Microchip Technology TC1186-3.3VCT713 Datasheet HTML 8Page - Microchip Technology TC1186-3.3VCT713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21350D-page 1
TC1054/TC1055/TC1186
Features
• Low Ground Current for Longer Battery Life
• Low Dropout Voltage
• Choice of 50 mA (TC1054), 100 mA (TC1055)
and 150 mA (TC1186) Output
• High Output Voltage Accuracy
• Standard or Custom Output Voltages:
- 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V,
3.3V, 3.6V, 4.0V, 5.0V
• Power-Saving Shutdown Mode
• ERROR Output Can Be Used as a Low Battery
Detector or Microcontroller Reset Generator
• Overcurrent and Overtemperature Protection
• 5-Pin SOT-23 Package
• Pin Compatible Upgrades for Bipolar Regulators
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Typical Application
General Description
The TC1054, TC1055 and TC1186 are high accuracy
(typically ±0.5%) CMOS upgrades for older (bipolar)
low dropout regulators. Designed specifically for
battery-operated
systems,
the
devices’
CMOS
construction minimizes ground current, extending
battery life. Total supply current is typically 50 µA at full
load (20 to 60 times lower than in bipolar regulators).
The devices’ key features include low noise operation,
low dropout voltage – typically 85 mV (TC1054),
180 mV (TC1055) and 270 mV (TC1186) at full load —
and fast response to step changes in load. An error
output (ERROR) is asserted when the devices are out-
of-regulation (due to a low input voltage or excessive
output current). ERROR can be used as a low battery
warning or as a processor RESET signal (with the
addition of an external RC network). Supply current is
reduced to 0.5 µA (max), with both VOUT and ERROR
disabled when the shutdown input is low. The devices
incorporate both over-temperature and over-current
protection.
The TC1054, TC1055 and TC1186 are stable with an
output capacitor of only 1 µF and have a maximum
output current of 50 mA, 100 mA and 150 mA,
respectively. For higher output current regulators,
please refer to the TC1173 (IOUT = 300 mA) data sheet
(DS21632).
Package Type
TC1054
TC1055
TC1186
VOUT
GND
1µF
+
VIN
VIN
VOUT
1
5
2
4
3
SHDN
Shutdown Control
(from Power Control Logic)
ERROR
ERROR
1M
Ω
NOTE: 5-Pin SOT-23 is equivalent to the EIAJ (SC-74A)
5
1
4
2
3
5-Pin SOT-23
TC1054
TC1055
TC1186
VOUT
ERROR
SHDN
GND
VIN
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown
and ERROR Output


Número de pieza similar - TC1186-3.3VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1186-3.3VCT713 MICROCHIP-TC1186-3.3VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
More results

Descripción similar - TC1186-3.3VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com