Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1054-4.0VCT713 Datasheet(PDF) 3 Page - Microchip Technology |
|
TC1054-4.0VCT713 Datasheet(HTML) 3 Page - Microchip Technology |
3 / 18 page © 2007 Microchip Technology Inc. DS21350D-page 3 TC1054/TC1055/TC1186 Output Noise eN — 260 — nV/ √Hz IL = IOUTMAX SHDN Input SHDN Input High Threshold VIH 45 — — %VIN VIN = 2.5V to 6.5V SHDN Input Low Threshold VIL —— 15 %VIN VIN = 2.5V to 6.5V ERROR Output Minimum VIN Operating Voltage VINMIN 1.0 — — V Output Logic Low Voltage VOL — — 400 mV 1 mA Flows to ERROR ERROR Threshold Voltage VTH — 0.95 x VR —V See Figure 4-2 ERROR Positive Hysteresis VHYS —50— mV Note 7 VOUT to ERROR Delay tDELAY —2.5 — ms VOUT falling from VR to VR - 10% DC CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise noted, VIN = VOUT + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C. Boldface type specifications apply for junction temperatures of -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Note 1: VR is the regulator output voltage setting. For example: VR = 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V. 2: 3: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation specification. 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value. 5: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms. 6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations”, “Ther- mal Considerations”, for more details. 7: Hysteresis voltage is referenced by VR. 8: The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX. 9: Apply for junction temperatures of -40C to +85C. TC VOUT = (VOUTMAX – VOUTMIN)x 106 VOUT x ΔT |
Número de pieza similar - TC1054-4.0VCT713 |
|
Descripción similar - TC1054-4.0VCT713 |