Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8790M Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TDA8790M
Descripción Electrónicos  8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8790M Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8790M Datasheet HTML 6Page - NXP Semiconductors TDA8790M Datasheet HTML 7Page - NXP Semiconductors TDA8790M Datasheet HTML 8Page - NXP Semiconductors TDA8790M Datasheet HTML 9Page - NXP Semiconductors TDA8790M Datasheet HTML 10Page - NXP Semiconductors TDA8790M Datasheet HTML 11Page - NXP Semiconductors TDA8790M Datasheet HTML 12Page - NXP Semiconductors TDA8790M Datasheet HTML 13Page - NXP Semiconductors TDA8790M Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1996 Feb 21
10
Philips Semiconductors
Product specification
8-bit, 40 Msps 2.7 to 5.5 V universal
analog-to-digital converter
TDA8790
Table 1
Output coding and input voltage (typical values; referenced to VSSA)
Table 2
Sleep mode selection
STEP
VI(p-p)
(V)
BINARY OUTPUT BITS
D7
D6
D5
D4
D3
D2
D1
D0
Underflow
<1.37
0
0
0
0
0000
0
1.37
0
0
0
0
0000
1
.
00000001
.
.
........
.
.
........
254
.
1
1111110
255
3.13
1
1
1
1
1111
Overflow
>3.13
1
1
1
1
1111
SLEEP
D7 TO D0
IDDA +IDDD (typ.)
1
high impedance
1.2 mA
0
active
9 mA
Fig.4 Timing diagram.
handbook, full pagewidth
ds
t
sample N + 1
sample N
CLK
MSA670
sample N + 2
50 %
V
l
DATA
D0 to D7
t d
t h
CPH
t
CPL
t
VDDO
0 V
50 %
DATA
N + 1
DATA
N
DATA
N - 1
DATA
N - 2


Número de pieza similar - TDA8790M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8792 PHILIPS-TDA8792 Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8792M PHILIPS-TDA8792M Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8793 PHILIPS-TDA8793 Datasheet
92Kb / 20P
   8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
1999 Oct 06
TDA8793HL PHILIPS-TDA8793HL Datasheet
92Kb / 20P
   8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
1999 Oct 06
TDA8798 PHILIPS-TDA8798 Datasheet
195Kb / 24P
   Dual 8-bit, 100 Msps A/D converter with DPGA
1999 Sep 16
More results

Descripción similar - TDA8790M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com