Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1303B-CA1EUNTR Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza TC1303B-CA1EUNTR
Descripción Electrónicos  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-CA1EUNTR Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1303B-CA1EUNTR Datasheet HTML 3Page - Microchip Technology TC1303B-CA1EUNTR Datasheet HTML 4Page - Microchip Technology TC1303B-CA1EUNTR Datasheet HTML 5Page - Microchip Technology TC1303B-CA1EUNTR Datasheet HTML 6Page - Microchip Technology TC1303B-CA1EUNTR Datasheet HTML 7Page - Microchip Technology TC1303B-CA1EUNTR Datasheet HTML 8Page - Microchip Technology TC1303B-CA1EUNTR Datasheet HTML 9Page - Microchip Technology TC1303B-CA1EUNTR Datasheet HTML 10Page - Microchip Technology TC1303B-CA1EUNTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 7
TC1303B
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all limits are specified for: VIN = +2.7V to +5.5V
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
-40
+125
°C
Steady state
Storage Temperature Range
TA
-65
+150
°C
Maximum Junction Temperature
TJ
+150
°C
Transient
Thermal Package Resistances
Thermal Resistance, 10L-DFN
θJA
41
°C/W
Typical 4-layer board with
Internal Ground Plane and 2 Vias
in Thermal Pad
Thermal Resistance, 10L-MSOP
θJA
113
°C/W
Typical 4-layer board with
Internal Ground Plane


Número de pieza similar - TC1303B-CA1EUNTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1303B-1G0EMF MICROCHIP-TC1303B-1G0EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EMFTR MICROCHIP-TC1303B-1G0EMFTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EUN MICROCHIP-TC1303B-1G0EUN Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EUNTR MICROCHIP-TC1303B-1G0EUNTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G1EMF MICROCHIP-TC1303B-1G1EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
More results

Descripción similar - TC1303B-CA1EUNTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com