Nombre de pieza
         Descripción
GI78XXA

 3-TERMINAL POSITIVE VOLTAGE REGULATORS ( 6 Page)


GTM
100% 
Zoom Out Zoom In
   
 6 page
background image
G
I78XXA
Page: 6/6
ISSUED DATE :2005/06/08
REVISED DATE :2005/12/06B
G
I7824A (Refer to the test circuits,Tj=0~125 : , Io=500mA, Vin=33V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
23.28
24.0
24.72
VO
B-Rank (5%)
22.80
-
25.20
V
Vin=33V, Io=500mA, Tj=25 :
27V Vin 38V, 5mA Io 1A, PD 15W
-
18
480
27V Vin 38V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
6
240
mV
30V Vin 36V, Io=500mA, Tj=25 :
-
12
480
Vin=33V, 5mA Io 1.5A, Tj=25 :
VO
(Load Regulation)
-
4
240
mV
Vin=33V, 250mA Io 750mA, Tj=25 :
I
Q
-
4.6
8.0
mA
Vin=33V, Io=500mA, Tj=25 :
-
-
0.5
Vin=33V, 5mA Io 1A
I
Q
-
-
1.0
mA
27V Vin 38V, Io=500mA
Vn
-
170
-
V
10Hz f 100KHz, Tj=25 :
RR
50
-
-
dB
28V Vin 38V, f=120Hz, Tj=25 :
VD
-
2.0
-
V
I
o=1A, Tj=25 :
I
sc
-
150
-
mA
Vin=33V, Tj=25 :
I
pk
-
2.1
-
A
Tj=25 :
Vo / Tj
-
-1.5
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
Typical Application
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM78003-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
G3U78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreGTM CORPORATION
G3U78XXA3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreGTM CORPORATION
GE78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreGTM CORPORATION
GE78XXA3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreGTM CORPORATION
GI78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreGTM CORPORATION
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
DA78L09TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 Dc Components

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl