Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GJ78MXX Datasheet(PDF) 5 Page - GTM CORPORATION

No. de pieza GJ78MXX
Descripción Electrónicos  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GTM [GTM CORPORATION]
Página de inicio  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GJ78MXX Datasheet(HTML) 5 Page - GTM CORPORATION

  GJ78MXX Datasheet HTML 1Page - GTM CORPORATION GJ78MXX Datasheet HTML 2Page - GTM CORPORATION GJ78MXX Datasheet HTML 3Page - GTM CORPORATION GJ78MXX Datasheet HTML 4Page - GTM CORPORATION GJ78MXX Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GJ78MXX
Page: 5/5
ISSUED DATE :2004/12/15
REVISED DATE :2005/12/13B
GJ78M24 (Refer to the test circuits, Ta=25 ,
: Io=350mA, Vin=33V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
23.04
24.0
24.96
I
o=350mA
VO
22.80
-
25.20
V
27V Vin 33V , 5mA Io 350mA
-
10
100
27V Vin 33V, Io=200mA
VO
(Line Regulation)
-
5
50
mV
28V Vin 33V, Io=200mA
-
30
480
5mA Io 500mA
VO
(Load Regulation)
-
15
240
mV
5mA Io 200mA
I
Q
-
4.8
6.0
mA
I
o=0mA
-
-
0.5
5mA Io 350mA
I
Q
-
-
0.8
mA
27V Vin 33V, Io=200mA
Vn
-
170
-
V
10Hz f 100KHz
RR
50
-
-
dB
28V Vin 38V, f=120Hz, Io=100mA,eIN=1Vrms
VD
-
2.0
-
V
I
o=500mA
I
sc
-
170
-
mA
Vin=30V
I
pk
-
700
-
mA
Tj=25 :
Vo / Tj
-
-0.7
-
mV/ :
I
o=5mA, 0 : Tj 125 :
Typical Application
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Número de pieza similar - GJ78MXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GTM CORPORATION
GJ7805 GTM-GJ7805 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7805 GTM-GJ7805 Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7806 GTM-GJ7806 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7806 GTM-GJ7806 Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7808 GTM-GJ7808 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Descripción similar - GJ78MXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com