Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9806 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA9806
Descripción Electrónicos  Multistandard VIF-PLL and FM-PLL demodulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9806 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9806 Datasheet HTML 3Page - NXP Semiconductors TDA9806 Datasheet HTML 4Page - NXP Semiconductors TDA9806 Datasheet HTML 5Page - NXP Semiconductors TDA9806 Datasheet HTML 6Page - NXP Semiconductors TDA9806 Datasheet HTML 7Page - NXP Semiconductors TDA9806 Datasheet HTML 8Page - NXP Semiconductors TDA9806 Datasheet HTML 9Page - NXP Semiconductors TDA9806 Datasheet HTML 10Page - NXP Semiconductors TDA9806 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1995 Sep 05
7
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL and
FM-PLL demodulator
TDA9806
FM detector
The FM detector consists of a limiter, an FM-PLL and an
AF amplifier. The limiter provides the amplification and
limitation of the FM sound intercarrier signal before
demodulation. The result is high sensitivity and AM
suppression. The amplifier consists of 7 stages which are
internally AC-coupled in order to minimize the DC offset
and to save pins for DC decoupling.
The FM-PLL consists of an integrated relaxation oscillator,
an integrated loop filter and a phase detector. The
oscillator is locked to the FM intercarrier signal, output
from the limiter. As a result of locking, the oscillator
frequency tracks with the modulation of the input signal
and the oscillator control voltage is superimposed by the
AF voltage. The FM-PLL operates as an FM-demodulator.
The AF amplifier consists of two parts:
1. The AF preamplifier for FM sound is an operational
amplifier with internal feedback, high gain and high
common mode rejection. The AF voltage from the PLL
demodulator, by principle a small output signal, is
amplified by approximately 33 dB. The low-pass
characteristic of the amplifier reduces the harmonics of
the intercarrier signal at the sound output terminal, at
which the de-emphasis network for FM sound is
applied. An additional DC control circuit is
implemented to keep the DC level constant,
independent of process spread.
2. The AF output amplifier (10 dB) provides the required
output level by a rail-to-rail output stage. This amplifier
makes use of an input selector for switching to FM
de-emphasis or mute state, controlled by the mute
switching voltage.
Internal voltage stabilizer and 1
2VP-reference
The bandgap circuit internally generates a voltage of
approximately 1.25 V, independent of supply voltage and
temperature. A voltage regulator circuit, connected to this
voltage, produces a constant voltage of 3.6 V which is
used as an internal reference voltage.
For all audio output signals the constant reference voltage
cannot be used because large output signals are required.
Therefore these signals refer to half the supply voltage to
achieve a symmetrical headroom, especially for the
rail-to-rail output stage. For ripple and noise attenuation
the 1
2VP voltage has to be filtered via a low-pass filter by
using an external capacitor together with an integrated
resistor (fg = 5 Hz). For a fast setting to 12VP an internal
start-up circuit is added.


Número de pieza similar - TDA9806

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results

Descripción similar - TDA9806

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
logo
TEMIC Semiconductors
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com