Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH16373ZQLR Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza 74ALVCH16373ZQLR
Descripción Electrónicos  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16373ZQLR Datasheet(HTML) 2 Page - Texas Instruments

  74ALVCH16373ZQLR Datasheet HTML 1Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 2Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 3Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 4Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 5Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 6Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 7Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 8Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
abc
GRD OR ZRD PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
SN74ALVCH16373
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES020I – JULY 1995 – REVISED NOVEMBER 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
SN74ALVCH16373GRDR
Tape and reel
VH373
FBGA – ZRD (Pb-free)
SN74ALVCH16373ZRDR
Tube
SN74ALVCH16373DL
SN74ALVCH16373DLR
SSOP – DL
ALVCH16373
Tape and reel
74ALVCH16373DLG4
–40
°C to 85°C
74ALVCH16373DLRG4
SN74ALVCH16373DGGR
TSSOP – DGG
Tape and reel
74ALVCH16373DGGE4
ALVCH16373
74ALVCH16373DGGRG4
VFBGA – GQL
SN74ALVCH16373KR
Tape and reel
VH373
VFBGA – ZQL (Pb-free)
74ALVCH16373ZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1OE
NC
NC
NC
NC
1LE
B
1Q2
1Q1
GND
GND
1D1
1D2
C
1Q4
1Q3
VCC
VCC
1D3
1D4
D
1Q6
1Q5
GND
GND
1D5
1D6
E
1Q8
1Q7
1D7
1D8
F
2Q1
2Q2
2D2
2D1
G
2Q3
2Q4
GND
GND
2D4
2D3
H
2Q5
2Q6
VCC
VCC
2D6
2D5
J
2Q7
2Q8
GND
GND
2D8
2D7
K
2OE
NC
NC
NC
NC
2LE
abc
(1)
NC – No internal connection
TERMINAL ASSIGNMENTS(1)
(54-Ball GRD/ZRD Package)
1
2
3
4
5
6
A
1Q1
NC
1OE
1LE
NC
1D1
B
1Q3
1Q2
NC
NC
1D2
1D3
C
1Q5
1Q4
VCC
VCC
1D4
1D5
D
1Q7
1Q6
GND
GND
1D6
1D7
E
2Q1
1Q8
GND
GND
1D8
2D1
F
2Q3
2Q2
GND
GND
2D2
2D3
G
2Q5
2Q4
VCC
VCC
2D4
2D5
H
2Q7
2Q6
NC
NC
2D6
2D7
J
2Q8
NC
2OE
2LE
NC
2D8
(1)
NC – No internal connection
xxxxx
2


Número de pieza similar - 74ALVCH16373ZQLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
logo
Fairchild Semiconductor
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
   LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
More results

Descripción similar - 74ALVCH16373ZQLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com