Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH16373ZRDR Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza 74ALVCH16373ZRDR
Descripción Electrónicos  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16373ZRDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button 74ALVCH16373ZRDR Datasheet HTML 7Page - Texas Instruments 74ALVCH16373ZRDR Datasheet HTML 8Page - Texas Instruments 74ALVCH16373ZRDR Datasheet HTML 9Page - Texas Instruments 74ALVCH16373ZRDR Datasheet HTML 10Page - Texas Instruments 74ALVCH16373ZRDR Datasheet HTML 11Page - Texas Instruments 74ALVCH16373ZRDR Datasheet HTML 12Page - Texas Instruments 74ALVCH16373ZRDR Datasheet HTML 13Page - Texas Instruments 74ALVCH16373ZRDR Datasheet HTML 14Page - Texas Instruments 74ALVCH16373ZRDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
74ALVCH16373GRDR
GRD
54
HIJ
330
16
5.8
8.3
1.55
8
16
Q1
74ALVCH16373ZQLR
ZQL
56
HIJ
330
16
4.8
7.3
1.45
8
16
Q1
74ALVCH16373ZRDR
ZRD
54
HIJ
330
16
5.8
8.3
1.55
8
16
Q1
SN74ALVCH16373DGGR
DGG
48
MLA
330
24
8.6
15.8
1.8
12
24
Q1
SN74ALVCH16373DLR
DL
48
MLA
330
32
11.35
16.2
3.1
16
32
Q1
SN74ALVCH16373KR
GQL
56
HIJ
330
16
4.8
7.3
1.45
8
16
Q1
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
74ALVCH16373GRDR
GRD
54
HIJ
346.0
346.0
33.0
74ALVCH16373ZQLR
ZQL
56
HIJ
346.0
346.0
33.0
74ALVCH16373ZRDR
ZRD
54
HIJ
346.0
346.0
33.0
SN74ALVCH16373DGGR
DGG
48
MLA
333.2
333.2
31.75
SN74ALVCH16373DLR
DL
48
MLA
346.0
346.0
49.0
SN74ALVCH16373KR
GQL
56
HIJ
346.0
346.0
33.0
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Jul-2007
Pack Materials-Page 2


Número de pieza similar - 74ALVCH16373ZRDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
logo
Fairchild Semiconductor
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
   LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
More results

Descripción similar - 74ALVCH16373ZRDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com