Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9840T Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA9840T
Descripción Electrónicos  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9840T Datasheet HTML 7Page - NXP Semiconductors TDA9840T Datasheet HTML 8Page - NXP Semiconductors TDA9840T Datasheet HTML 9Page - NXP Semiconductors TDA9840T Datasheet HTML 10Page - NXP Semiconductors TDA9840T Datasheet HTML 11Page - NXP Semiconductors TDA9840T Datasheet HTML 12Page - NXP Semiconductors TDA9840T Datasheet HTML 13Page - NXP Semiconductors TDA9840T Datasheet HTML 14Page - NXP Semiconductors TDA9840T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1998 Jul 03
11
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
PXTAL
level of drive in operation
−−
5
µW
VOSC(p-p)
oscillator operating voltage
(peak-to-peak value)
500
550
600
mV
Pilot processing
Vi pil(rms)
pilot input voltage level at pin 5
(RMS value)
unmodulated
5
100
mV
Ri pil
pilot input resistance
500
1000
k
m
modulation depth
AM
25
50
75
%
∆fpil
pilot PLL pull-in frequency
range (referred to
fpil = 54.6875 kHz)
fω = 9.988 MHz
lower side
−405
−−405
Hz
upper side
192
192
Hz
fω = 10.008 MHz
lower side
−296
−−296
Hz
upper side
302
302
Hz
fω = 10.028 MHz
lower side
−188
−−188
Hz
upper side
411
411
Hz
tpil
pilot PLL pull-in time
0
1.7
ms
fLP
low-pass frequency response
−3 dB
450
600
750
Hz
R3
low-pass output resistance
18.75
25
31.25
k
V4(rms)
identification threshold voltage
(RMS value)
−−
70
mV
QL
loaded quality factor of
resonance circuit
high sensitivity
40
50
loaded quality factor of
resonance circuit with fixed
coil
sensitivity loss
2 to 3 dB; see Fig.2
12
tacqui AGC
AGC acquisition time
Vi pil(rms) switched from
0 to 100 mV RMS
value
−−
0.1
s
Identification (internal functions)
Vi tuner
identification voltage sensitivity
(pin 5)
note 7
28
dB
µV
C/N
pilot carrier-to-noise ratio for
start of identification
note 8
33
dB/Hz
H
hysteresis
note 7
−−
2dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Número de pieza similar - TDA9840T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9845 PHILIPS-TDA9845 Datasheet
177Kb / 20P
   TV and VTR stereo/dual sound processor with digital identification
1995 Mar 20
TDA9845T PHILIPS-TDA9845T Datasheet
177Kb / 20P
   TV and VTR stereo/dual sound processor with digital identification
1995 Mar 20
TDA9847 PHILIPS-TDA9847 Datasheet
147Kb / 28P
   TV and VTR stereo/dual sound processor with digital identification
1995 May 23
TDA9847T PHILIPS-TDA9847T Datasheet
147Kb / 28P
   TV and VTR stereo/dual sound processor with digital identification
1995 May 23
More results

Descripción similar - TDA9840T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9845 PHILIPS-TDA9845 Datasheet
177Kb / 20P
   TV and VTR stereo/dual sound processor with digital identification
1995 Mar 20
TDA9847 PHILIPS-TDA9847 Datasheet
147Kb / 28P
   TV and VTR stereo/dual sound processor with digital identification
1995 May 23
TDA8405 PHILIPS-TDA8405 Datasheet
322Kb / 9P
   TV AND VTR STEREO/DUAL SOUND PROCESSOR WITH I2C BUS CONTROL
December 1985
TDA8415 PHILIPS-TDA8415 Datasheet
128Kb / 19P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
May 1989
TDA8416 PHILIPS-TDA8416 Datasheet
134Kb / 19P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
November 1989
TDA8417 PHILIPS-TDA8417 Datasheet
130Kb / 20P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
September 1989
TDA2795 PHILIPS-TDA2795 Datasheet
236Kb / 6P
   TV STEREO / DUAL SOUND IDENTIFICATION DECODER
March 1986
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com