Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9851T Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA9851T
Descripción Electrónicos  I2C-bus controlled economic BTSC stereo decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9851T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9851T Datasheet HTML 5Page - NXP Semiconductors TDA9851T Datasheet HTML 6Page - NXP Semiconductors TDA9851T Datasheet HTML 7Page - NXP Semiconductors TDA9851T Datasheet HTML 8Page - NXP Semiconductors TDA9851T Datasheet HTML 9Page - NXP Semiconductors TDA9851T Datasheet HTML 10Page - NXP Semiconductors TDA9851T Datasheet HTML 11Page - NXP Semiconductors TDA9851T Datasheet HTML 12Page - NXP Semiconductors TDA9851T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Nov 12
9
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder
TDA9851
Notes to the characteristics
1. The oscillator is designed to operate together with Murata resonator CSB503F58 or CSB503JF958 as SMD. Change
of the resonator supplier is possible, but the resonator specification must be close to the specified ones.
2. The AVL input voltage is internal. It corresponds to the output voltage OUTL and OUTR at AVL off.
3. The listed pin voltage corresponds with typical gain steps of +6 dB, +3 dB, 0 dB,
−6 dB and −15 dB.
4. Attack time constant = CCAV × Ratt.
5.
Example: CCAV = 4.7 µF; Idec =2 µA; G1 = −9 dB; G2 =+6dB → decay time results in 4.14 s.
6. When reset is active the GMU bit (mute) is set and the I2C-bus receiver is in the reset position.
7. The AC characteristics are in accordance with the I2C-bus specification for standard mode (clock frequency
maximum 100 kHz). A higher frequency, up to 280 kHz, can be used if all clock and data times are interpolated
between standard mode (100 kHz) and fast mode (400 kHz) in accordance with the I2C-bus specification.
Information about the I2C-bus can be found in brochure
“I2C-bus and how to use it” (order number 9398 393 40011).
Power-on reset; note 6
VPOR(start)
start of reset voltage
increasing supply voltage
−−
2.5
V
decreasing supply voltage
4.2
5
5.8
V
VPOR(end)
end of reset voltage
increasing supply voltage
5.2
6
6.8
V
Digital part (I2C-bus pins); note 7
VIH
HIGH-level input voltage
3
VCC ≤ 9V
VIL
LOW-level input voltage
−0.3
+1.5
V
IIH
HIGH-level input current
−10
+10
µA
IIL
LOW-level input current
−10
+10
µA
VOL
LOW-level output voltage
IIL =3mA
−−
0.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Decay time
C
CAV
0.76 V
×
10
G
1
20
----------
10
G
2
20
----------




I
dec
----------------------------------------------------------------------------------
=


Número de pieza similar - TDA9851T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9852H PHILIPS-TDA9852H Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9853 PHILIPS-TDA9853 Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
More results

Descripción similar - TDA9851T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com