Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9852 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA9852
Descripción Electrónicos  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9852 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9852 Datasheet HTML 1Page - NXP Semiconductors TDA9852 Datasheet HTML 2Page - NXP Semiconductors TDA9852 Datasheet HTML 3Page - NXP Semiconductors TDA9852 Datasheet HTML 4Page - NXP Semiconductors TDA9852 Datasheet HTML 5Page - NXP Semiconductors TDA9852 Datasheet HTML 6Page - NXP Semiconductors TDA9852 Datasheet HTML 7Page - NXP Semiconductors TDA9852 Datasheet HTML 8Page - NXP Semiconductors TDA9852 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1997 Mar 11
2
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9852
FEATURES
• Quasi alignment-free application due to automatic
adjustment of channel separation via I2C-bus
• High integration level with automatically tuned
integrated filters
• Input level adjustment I2C-bus controlled
• Alignment-free SAP processing
• dbx noise reduction circuit
• Power supply
• I2C-bus transceiver.
Stereo decoder
• Stereo pilot PLL circuit with ceramic resonator,
automatic adjustment procedure for stereo channel
separation, two pilot thresholds selectable via I2C-bus.
Audio processor
• Selector for internal and external signals (line in)
• Automatic volume level control
(control range +6 to
−15 dB)
• Interface for external noise reduction circuits
• Volume control (control range +16 to −71 dB)
• Special loudness characteristic automatically controlled
in combination with volume setting (control range 28 dB)
• Audio signal zero crossing detection between any
volume step switching
• Mute control at audio signal zero crossing
• Mute control via I2C-bus.
GENERAL DESCRIPTION
The TDA9852 is a bipolar-integrated BTSC stereo
decoder with hi-fi audio processor (I2C-bus controlled) for
application in TV sets, VCRs and multimedia.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9852
SDIP42 plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1
TDA9852H
QFP44 plastic quad flat package; 44 leads (lead length 1.3 mm); body 10
× 10 × 1.75 mm SOT307-2


Número de pieza similar - TDA9852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9851T PHILIPS-TDA9851T Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9853 PHILIPS-TDA9853 Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
More results

Descripción similar - TDA9852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com