Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA9852H Datasheet(PDF) 2 Page - NXP Semiconductors |
|
TDA9852H Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 40 page 1997 Mar 11 2 Philips Semiconductors Preliminary specification I2C-bus controlled BTSC stereo/SAP decoder and audio processor TDA9852 FEATURES • Quasi alignment-free application due to automatic adjustment of channel separation via I2C-bus • High integration level with automatically tuned integrated filters • Input level adjustment I2C-bus controlled • Alignment-free SAP processing • dbx noise reduction circuit • Power supply • I2C-bus transceiver. Stereo decoder • Stereo pilot PLL circuit with ceramic resonator, automatic adjustment procedure for stereo channel separation, two pilot thresholds selectable via I2C-bus. Audio processor • Selector for internal and external signals (line in) • Automatic volume level control (control range +6 to −15 dB) • Interface for external noise reduction circuits • Volume control (control range +16 to −71 dB) • Special loudness characteristic automatically controlled in combination with volume setting (control range 28 dB) • Audio signal zero crossing detection between any volume step switching • Mute control at audio signal zero crossing • Mute control via I2C-bus. GENERAL DESCRIPTION The TDA9852 is a bipolar-integrated BTSC stereo decoder with hi-fi audio processor (I2C-bus controlled) for application in TV sets, VCRs and multimedia. ORDERING INFORMATION TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION TDA9852 SDIP42 plastic shrink dual in-line package; 42 leads (600 mil) SOT270-1 TDA9852H QFP44 plastic quad flat package; 44 leads (lead length 1.3 mm); body 10 × 10 × 1.75 mm SOT307-2 |
Número de pieza similar - TDA9852H |
|
Descripción similar - TDA9852H |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |