Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9870A Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TDA9870A
Descripción Electrónicos  Digital TV Sound Processor DTVSP
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9870A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9870A Datasheet HTML 1Page - NXP Semiconductors TDA9870A Datasheet HTML 2Page - NXP Semiconductors TDA9870A Datasheet HTML 3Page - NXP Semiconductors TDA9870A Datasheet HTML 4Page - NXP Semiconductors TDA9870A Datasheet HTML 5Page - NXP Semiconductors TDA9870A Datasheet HTML 6Page - NXP Semiconductors TDA9870A Datasheet HTML 7Page - NXP Semiconductors TDA9870A Datasheet HTML 8Page - NXP Semiconductors TDA9870A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
1998 Aug 10
4
Philips Semiconductors
Product specification
Digital TV Sound Processor (DTVSP)
TDA9870A
2.1.1
ANALOG 2-CARRIER SYSTEMS
Table 1
Frequency modulation
Table 2
Identification for A2 systems
STANDARD
SOUND
SYSTEM
CARRIER
FREQUENCY
(MHz)
FM DEVIATION (kHz)
MODULATION
BANDWIDTH/
DE-EMPHASIS
(kHz/
µs)
NOM.
MAX.
OVER
SC1
SC2
M
mono
4.5
15
25
50
mono
15/75
M
A2+
4.5/4.724
15
25
50
1
2(L + R) 12(L − R)
15/75 (Korea)
B/G
A2
5.5/5.742
27
50
80
1
2(L + R)
R
15/50
I
mono
6.0
27
50
80
mono
15/50
D/K
A2
6.5/6.742
27
50
80
1
2(L + R)
R
15/50
D/K
A2*
6.5/6.258
27
50
80
1
2(L + R)
R
15/50
PARAMETER
A2/A2*
A2+ (KOREA)
Pilot frequency
54.6875 kHz = 3.5
× line frequency
55.0699 kHz = 3.5
× line frequency
Stereo identification
frequency
Dual identification frequency
AM modulation depth
50%
50%
117.5 Hz
line frequency
133
---------------------------------------
=
149.9 Hz
line frequency
105
---------------------------------------
=
274.1 Hz
line frequency
57
---------------------------------------
=
276.0 Hz
line frequency
57
---------------------------------------
=


Número de pieza similar - TDA9870A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9873 PHILIPS-TDA9873 Datasheet
197Kb / 40P
   Multistandard dual carrier stereo sound decoder
2000 Apr 04
TDA9873H PHILIPS-TDA9873H Datasheet
197Kb / 40P
   Multistandard dual carrier stereo sound decoder
2000 Apr 04
TDA9873HS PHILIPS-TDA9873HS Datasheet
197Kb / 40P
   Multistandard dual carrier stereo sound decoder
2000 Apr 04
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874AH PHILIPS-TDA9874AH Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
More results

Descripción similar - TDA9870A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9875 PHILIPS-TDA9875 Datasheet
279Kb / 92P
   Digital TV Sound Processor DTVSP
1998 Feb 13
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
   TV-SOUND PROCESSOR
TA1343N TOSHIBA-TA1343N Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com