Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4040MT Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza CD74HC4040MT
Descripción Electrónicos  High-Speed CMOS Logic 12-Stage Binary Counter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4040MT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC4040MT Datasheet HTML 4Page - Texas Instruments CD74HC4040MT Datasheet HTML 5Page - Texas Instruments CD74HC4040MT Datasheet HTML 6Page - Texas Instruments CD74HC4040MT Datasheet HTML 7Page - Texas Instruments CD74HC4040MT Datasheet HTML 8Page - Texas Instruments CD74HC4040MT Datasheet HTML 9Page - Texas Instruments CD74HC4040MT Datasheet HTML 10Page - Texas Instruments CD74HC4040MT Datasheet HTML 11Page - Texas Instruments CD74HC4040MT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FIGURE 5. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 6. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
Test Circuits and Waveforms (Continued)
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54HC4040, CD74HC4040, CD54HCT4040, CD74HCT4040


Número de pieza similar - CD74HC4040MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4040MT TI-CD74HC4040MT Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040MTE4 TI-CD74HC4040MTE4 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
More results

Descripción similar - CD74HC4040MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual 4 -Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com