Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TEA0676 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
TEA0676 Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 20 page 1997 Oct 07 5 Philips Semiconductors Product specification Dual pre-amplifier and equalizer for reverse tape decks TEA0676T LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). Notes 1. Human body model: C = 100 pF; R = 1.5 k Ω. 2. Machine model: C = 200 pF; R = 0 Ω. THERMAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage 0 14 V ∆V(12-x) voltage at pins 1 to 11, 13 to 16 with respect to pin 12 0 VCC V Tstg storage temperature −55 +150 °C Tamb operating ambient temperature −40 +85 °C Ves electrostatic handling voltage note 1 −2000 +2000 V note 2 −500 +500 V SYMBOL PARAMETER VALUE UNIT Rth j-a thermal resistance from junction to ambient in free air 70 K/W |
Número de pieza similar - TEA0676 |
|
Descripción similar - TEA0676 |