Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1062AT Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TEA1062AT
Descripción Electrónicos  Low voltage transmission circuits with dialler interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1062AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1062AT Datasheet HTML 6Page - NXP Semiconductors TEA1062AT Datasheet HTML 7Page - NXP Semiconductors TEA1062AT Datasheet HTML 8Page - NXP Semiconductors TEA1062AT Datasheet HTML 9Page - NXP Semiconductors TEA1062AT Datasheet HTML 10Page - NXP Semiconductors TEA1062AT Datasheet HTML 11Page - NXP Semiconductors TEA1062AT Datasheet HTML 12Page - NXP Semiconductors TEA1062AT Datasheet HTML 13Page - NXP Semiconductors TEA1062AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1997 Sep 03
10
Philips Semiconductors
Product specification
Low voltage transmission circuits with
dialler interface
TEA1062; TEA1062A
Fig.6
TEA1062 and TEA1062A safe operating
area.
(1) Tamb =45 °C; Ptot = 1068 mW.
(2) Tamb =55 °C; Ptot = 934 mW.
(3) Tamb =65 °C; Ptot = 800 mW.
(4) Tamb =75 °C; Ptot = 666 mW.
handbook, halfpage
212
150
30
70
110
MLC200
46
8
10
130
90
50
I LN
(mA)
V LN V SLPE (V)
(1)
(2)
(3)
(4)
Fig.7
TEA1062M1 and TEA1062AM1 safe
operating area.
(1) Tamb =45 °C; Ptot = 988 mW.
(2) Tamb =55 °C; Ptot = 864 mW.
(3) Tamb =65 °C; Ptot = 741 mW.
(4) Tamb =75 °C; Ptot = 617 mW.
handbook, halfpage
212
150
30
70
110
MLC201
46
8
10
130
90
50
I LN
(mA)
V LN V SLPE (V)
(1)
(2)
(3)
(4)
Fig.8
TEA1062T and TEA1062AT safe operating
area.
(1) Tamb =45 °C; Ptot = 727 mW.
(2) Tamb =55 °C; Ptot = 636 mW.
(3) Tamb =65 °C; Ptot = 545 mW.
(4) Tamb =75 °C; Ptot = 454 mW.
handbook, halfpage
212
150
30
70
110
MLC202
46
8
10
130
90
50
I LN
(mA)
V LN V SLPE (V)
(1)
(2)
(3)
(4)


Número de pieza similar - TEA1062AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TEA1062AN UTC-TEA1062AN Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-D16-T UTC-TEA1062AN-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-S16-R UTC-TEA1062AN-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

Descripción similar - TEA1062AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com