Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1098 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TEA1098
Descripción Electrónicos  Speech and handsfree IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1098 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1098 Datasheet HTML 4Page - NXP Semiconductors TEA1098 Datasheet HTML 5Page - NXP Semiconductors TEA1098 Datasheet HTML 6Page - NXP Semiconductors TEA1098 Datasheet HTML 7Page - NXP Semiconductors TEA1098 Datasheet HTML 8Page - NXP Semiconductors TEA1098 Datasheet HTML 9Page - NXP Semiconductors TEA1098 Datasheet HTML 10Page - NXP Semiconductors TEA1098 Datasheet HTML 11Page - NXP Semiconductors TEA1098 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1999 Oct 14
8
Philips Semiconductors
Product specification
Speech and handsfree IC
TEA1098
The preferred value for RSLPE is 20 Ω. Changing this value
not only affects the DC characteristics, it also influences
the transmit gains to the line, the gain control
characteristic, the sidetone level, and the maximum output
swing on the line.
Figure 4 shows that the internal circuit is supplied by pin
VBB, which combined with the line interface is a strong
supply point.
The line current through resistor RSLPE is sunk by the VBB
voltage stabilizer, and is suitable for supplying a
loudspeaker amplifier or any peripheral IC. Voltage VBB is
3.0 V at line currents below 18 mA and rises linearly to
5.3 V when the line current rises above 45 mA. It is
temperature compensated.
The current switch TR1-TR2 is intended to reduce
distortion of large AC line signals. Current ISLPE is supplied
to VBB via TR1 when the voltage on pin SLPE is above
VBB + 0.25 V. When the voltage on pin SLPE is below this
value, ISLPE is shunted to GND via TR2.
Voltage Vref can be increased by connecting an external
resistor between pins REG and SLPE. For large line
currents, this increase can slightly affect some dynamic
performances such as maximum signal level on the line at
2% Total Harmonic Distortion (THD). The external resistor
does not affect the voltage on pin VBB; see Fig.5 for the
main DC voltages.
handbook, full pagewidth
MGM298
TN2
TR2
TR1
E2
D1
D1
R3
R2
R1
TN1
TP1
J2
J1
E1
GND
GND
VBB
from
preamp
GND
REG
LN
SLPE
CREG
4.7
µF
RSLPE
20
Fig.4 Line interface principle.


Número de pieza similar - TEA1098

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
TEA1098AH PHILIPS-TEA1098AH Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
TEA1098ATV PHILIPS-TEA1098ATV Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
More results

Descripción similar - TEA1098

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
ams AG
AS2520 AMSCO-AS2520 Datasheet
96Kb / 14P
   Telephone Speech Circuit with Loudhearing and Handsfree
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
UMC Corporation
UM93510 UMC-UM93510 Datasheet
708Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
List of Unclassifed Man...
UM93520 ETC-UM93520 Datasheet
612Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
NXP Semiconductors
TEA1096 PHILIPS-TEA1096 Datasheet
390Kb / 32P
   Speech and listening-in IC
November 1994
logo
ON Semiconductor
LC703200AW ONSEMI-LC703200AW Datasheet
208Kb / 20P
   Speech Processing IC
December, 2013
logo
STMicroelectronics
TEA7540 STMICROELECTRONICS-TEA7540 Datasheet
132Kb / 12P
   HANDSFREE CONTROLLER
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com