Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1096AT Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TEA1096AT
Descripción Electrónicos  Speech and listening-in IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1096AT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1096AT Datasheet HTML 7Page - NXP Semiconductors TEA1096AT Datasheet HTML 8Page - NXP Semiconductors TEA1096AT Datasheet HTML 9Page - NXP Semiconductors TEA1096AT Datasheet HTML 10Page - NXP Semiconductors TEA1096AT Datasheet HTML 11Page - NXP Semiconductors TEA1096AT Datasheet HTML 12Page - NXP Semiconductors TEA1096AT Datasheet HTML 13Page - NXP Semiconductors TEA1096AT Datasheet HTML 14Page - NXP Semiconductors TEA1096AT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
November 1994
11
Philips Semiconductors
Product Specification
Speech and listening-in IC
TEA1096; TEA1096A
Fig.9 Equivalent AC impedance between LN and VEE.
The equivalent impedance connected between LN and
VEE is illustrated in Fig.9.
Where:
• LEQ =REQ × CREG × RSLPE
• REQ =40kΩ
• ZSET = 110ZSIMP.
Remark: a resistor R (REG-VEE) connected between REG
and VEE (to lower the regulated voltage) changes REQ into
REQ // R (REG-VEE), whereas a resistor RREG-SLPE
connected between REG and SLPE (to increase the
regulated voltage) has no effect on REQ.
Dynamic limiter of the microphone channel: pin DLS
The dynamic limiter in the microphone channel of the
TEA1096/TEA1096A prevents clipping of the microphone
signal, and limits the transmitted signal on LN to a
maximum value of typically 3.65 V (4.4 dBm).
Clipping on the microphone channel is prevented by
rapidly reducing the gain when the output stage starts to
saturate. The time in which the gain reduction is effected
(clipping attack time) is approximately a few milliseconds.
The microphone channel stays in the reduced gain mode
until the peaks of the signal no longer cause saturation.
The gain of the microphone channel then returns to its
normal value within the clipping release time.
Both attack and release time are proportional to the value
of the capacitor CDLS. The THD (Total Harmonic
Distortion) of the microphone amplifier in the reduced gain
mode stays below 2% up to 10 dB of input voltage
overdrive [provided that VMICP, VMICM is below 10 mV
(RMS)].
The dynamic limiter of the TEA1096/TEA1096A also
provides a microphone mute (secret function) when pin
DLS is short-circuited to VEE. The microphone gain is then
80 dB lower. The release time after a microphone mute is
approximately 10 ms.


Número de pieza similar - TEA1096AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Descripción similar - TEA1096AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
UMC Corporation
UM93510 UMC-UM93510 Datasheet
708Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
List of Unclassifed Man...
UM93520 ETC-UM93520 Datasheet
612Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
ON Semiconductor
LC703200AW ONSEMI-LC703200AW Datasheet
208Kb / 20P
   Speech Processing IC
December, 2013
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
NXP Semiconductors
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com