Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1111A Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TEA1111A
Descripción Electrónicos  Speech circuit with dialler interface, regulated supply and earpiece volume control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1111A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1111A Datasheet HTML 6Page - NXP Semiconductors TEA1111A Datasheet HTML 7Page - NXP Semiconductors TEA1111A Datasheet HTML 8Page - NXP Semiconductors TEA1111A Datasheet HTML 9Page - NXP Semiconductors TEA1111A Datasheet HTML 10Page - NXP Semiconductors TEA1111A Datasheet HTML 11Page - NXP Semiconductors TEA1111A Datasheet HTML 12Page - NXP Semiconductors TEA1111A Datasheet HTML 13Page - NXP Semiconductors TEA1111A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1999 Nov 22
10
Philips Semiconductors
Product specification
Speech circuit with dialler interface, regulated
supply and earpiece volume control
TEA1111A
Sidetone suppression
The TEA1111A anti-sidetone network comprising
RCC // Zline,Rast1,Rast2,Rast3,RSLPE and Zbal (see Fig.10)
suppresses the transmitted signal in the earpiece.
Maximum compensation is obtained when the following
conditions are fulfilled:
The scale factor k is chosen to meet the compatibility with
a standard capacitor from the E6 or E12 range for Zbal.
In practice, Zline varies considerably with the line type and
the line length. Therefore, the value of Zbal should be for an
average line length, which gives satisfactory sidetone
suppression with short and long lines. The suppression
also depends on the accuracy of the match between Zbal
and the impedance of the average line.
The anti-sidetone network for the TEA1111A attenuates
the receive signal from the line by 32 dB before it enters
the receive stage. The attenuation is almost constant over
the whole audio frequency range.
A Wheatstone bridge configuration (see Fig.11) may also
be used.
More information on the balancing of an anti-sidetone
bridge can be obtained in our publication
“Semiconductors
for Wired Telecom Systems; Applications Handbook
IC03b”.
For ordering information, please contact the Philips
Semiconductors sales office.
R
SLPE
R
ast1
×
R
CC
R
ast2
(
R
ast3 )
+
×
=
k
R
ast2
R
ast3
R
SLPE
+
()
×
R
ast1
R
SLPE
×
------------------------------------------------------------
=
Z
bal
kZ
line
×
=
handbook, full pagewidth
MBE787
Im
Zir
IR
Rast1
Rast3
Rast2
SLPE
RSLPE
VEE
Zline
RCC
LN
Zbal
Fig.10 Equivalent circuit of TEA1111A anti-sidetone bridge.


Número de pieza similar - TEA1111A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Descripción similar - TEA1111A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1114A PHILIPS-TEA1114A Datasheet
150Kb / 28P
   Low voltage telephone transmission circuit with dialler interface and regulated strong supply
2000 Mar 21
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
UBA2050 PHILIPS-UBA2050 Datasheet
291Kb / 52P
   One-chip telephone ICs with speech, dialler and ringer functions
2000 May 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com