Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1114AT Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TEA1114AT
Descripción Electrónicos  Low voltage telephone transmission circuit with dialler interface and regulated strong supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1114AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1114AT Datasheet HTML 3Page - NXP Semiconductors TEA1114AT Datasheet HTML 4Page - NXP Semiconductors TEA1114AT Datasheet HTML 5Page - NXP Semiconductors TEA1114AT Datasheet HTML 6Page - NXP Semiconductors TEA1114AT Datasheet HTML 7Page - NXP Semiconductors TEA1114AT Datasheet HTML 8Page - NXP Semiconductors TEA1114AT Datasheet HTML 9Page - NXP Semiconductors TEA1114AT Datasheet HTML 10Page - NXP Semiconductors TEA1114AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2000 Mar 21
7
Philips Semiconductors
Product specification
Low voltage telephone transmission circuit with
dialler interface and regulated strong supply
TEA1114A
THE INTERNAL SUPPLY POINT (PIN VCC)
The internal circuitry of the TEA1114A is supplied from
pin VCC. This voltage supply is derived from the line
voltage by means of a resistor (RCC) and must be
decoupled by a capacitor CVCC. It may also be used to
supply some external circuits. The VCC voltage depends
on the current consumed by the IC and the peripheral
circuits as:
(see also Figs 4 and 5). Irec is the current consumed by the
output stage of the earpiece amplifier.
V
CC0
V
LN
R
CC
I
CC
×
=
V
CC
V
CC0
R
CC
I
P
I
rec
+
()
×
=
handbook, halfpage
MGK806
Irec
EXTERNAL
CIRCUITS
IP
VEE
VCC
VCC0
RCC
Fig.4
VCC used as supply voltage for external
circuits.
handbook, halfpage
0
3
2
1
0
12
4
3
MGL827
IP
(mA)
VCC (V)
(2)
(1)
1.9 mA
1.6 mA
Fig.5
Typical current IP available from VCC for
peripheral circuitry.
VCC ≥ 2.5 V; VLN = 4.35 V at Iline = 15 mA; RCC = 619 Ω;
RSLPE =20 Ω.
Curve (1) is valid when the receiving amplifier is driven:
VQR(rms) = 150 mV; RL1 = 150 Ω.
Curve (2) is valid when the receiving amplifier is not driven.
THE REGULATED SUPPLY POINT (PIN VDD)
The VDD regulator delivers a stabilized voltage for the
peripherals in transmission mode (nominal VLN) as well as
in ringer mode (VLN = 0 V). The regulator (see Fig.6)
consists of a sense input circuit, a current switch and a VDD
output stabilizer. The regulator operates as a current
source at the LN input in transmission mode; it takes a
constant current of 4.3 mA (at nominal conditions) from
pin LN. The current switch reduces the distortion on the
line at large signal swings. Output VDD follows the
DC voltage at pin LN (with typically 0.35 V difference) up
to VDD = 3.3 V. The input current of the regulator is
constant while the output (source) current is determined by
the consumption of the peripherals. The difference
between input and output current is shunted by the internal
VDD stabilizer.
In ringer mode, the stabilizer operates as a shunt stabilizer
to keep VDD at 3.3 V. In this mode, the input voltage
VLN = 0 V while the input current into pin VDD is delivered
by the ringing signal. VDD has to be decoupled by a
capacitor CVDD.


Número de pieza similar - TEA1114AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Descripción similar - TEA1114AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com