Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA5757 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TEA5757
Descripción Electrónicos  Self Tuned Radio STR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5757 Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA5757 Datasheet HTML 1Page - NXP Semiconductors TEA5757 Datasheet HTML 2Page - NXP Semiconductors TEA5757 Datasheet HTML 3Page - NXP Semiconductors TEA5757 Datasheet HTML 4Page - NXP Semiconductors TEA5757 Datasheet HTML 5Page - NXP Semiconductors TEA5757 Datasheet HTML 6Page - NXP Semiconductors TEA5757 Datasheet HTML 7Page - NXP Semiconductors TEA5757 Datasheet HTML 8Page - NXP Semiconductors TEA5757 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1999 Aug 26
3
Philips Semiconductors
Product specification
Self Tuned Radio (STR)
TEA5757; TEA5759
QUICK REFERENCE DATA
Notes
1. VCC1 =3V; VCC2 =12V; VDDD =3V; fi = 1 MHz; m = 0.3; fm = 1 kHz; measured in Fig.9 with S1 in position A and S2
in position B; Vn refers to pin voltages; Vi(n) refers to test circuit (see Fig.9).
2. VCC1 =3V; VCC2 = 12 V; VDDD =3V; fi = 100 MHz; ∆fm = 22.5 kHz; fm = 1 kHz; measured in Fig.9 with S2, S3
and S5 in position A; Vn refers to pin voltages; Vi(n) refers to test circuit (see Fig.9).
3. VCC1 =3V; VCC2 = 12 V; VDDD =3V; Vi3(L + R) = 155 mV; Vpilot = 15.5 mV; fi = 1 kHz; measured in Fig.9 with S2
and S3 in position B.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC1
supply voltage
2.5
12
V
VCC2
supply voltage for tuning
−−
12
V
Vtune
tuning voltage
0.7
VCC2 − 0.75
V
ICC1
supply current
AM mode
12
15
18
mA
FM mode
13
16
19
mA
IDD
supply current
AM mode
3.3
mA
FM mode
2.7
mA
ICC2
supply current for tuning in preset
mode (band-end to band-end)
−−
800
µA
Tamb
ambient temperature
−15
+60
°C
AM performance; note 1
V10
AF output voltage
Vi1 = 5 mV
364570
mV
Vi1
RF sensitivity input voltage
(S+N)/N = 26 dB
40
55
70
µV
THD
total harmonic distortion
Vi1 =1mV
0.8
2.0
%
FM performance; note 2
V10
AF output voltage
Vi5 = 1 mV
404857
mV
Vi5
RF limiting sensitivity
V10 at −3 dB;
V10 is 0 dB at Vi5 =1mV
0.4
1.2
3.8
µV
THD
total harmonic distortion
IF filter
SFE10.7MS3A20K-A
0.3
0.8
%
MPX performance; note 3
αcs
channel separation
26
30
dB


Número de pieza similar - TEA5757

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
More results

Descripción similar - TEA5757

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5762 PHILIPS-TEA5762 Datasheet
171Kb / 32P
   Self Tuned Radio STR
1999 Aug 04
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
logo
SHENZHEN FUMAN ELECTRON...
TC9088 FUMAN-TC9088 Datasheet
233Kb / 6P
   Single-chip electrically tuned FM radio IC
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com