Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA6823T Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TEA6823T
Descripción Electrónicos  In Car Entertainment ICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6823T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA6823T Datasheet HTML 6Page - NXP Semiconductors TEA6823T Datasheet HTML 7Page - NXP Semiconductors TEA6823T Datasheet HTML 8Page - NXP Semiconductors TEA6823T Datasheet HTML 9Page - NXP Semiconductors TEA6823T Datasheet HTML 10Page - NXP Semiconductors TEA6823T Datasheet HTML 11Page - NXP Semiconductors TEA6823T Datasheet HTML 12Page - NXP Semiconductors TEA6823T Datasheet HTML 13Page - NXP Semiconductors TEA6823T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
1998 Mar 24
10
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6823T; TEA6825T
Unweighted voltage level
V50-4
unweighted voltage level
see Fig.9; V38 = 2.52 V
V37-35 ≤ 2.5 µV
1.6
2.2
3.0
V
V37-35 = 1.0 mV
2.7
3.4
4.7
V
∆V
50-4/∆V37-35
slope of unweighted voltage level
100
µV (RMS) ≤ V37-35
< 300 mV
temperature
compensation off
0.75
0.9
1.05
V/20 dB
temperature
compensation on
0.6
0.75
0.9
V/20 dB
∆V
50-4/VK
temperature dependence
V37-35 =1mV
temperature
compensation off
5.0
mV/VK
temperature
compensation on
2.0
mV/VK
I50(max)source
maximum output source current
0.3
−−
mA
I50(max)sink
maximum output sink current
−50 −−
µA
Ro50
output resistance
−−
300
ADJUSTMENT OF UNWEIGHTED VOLTAGE LEVEL AND Vmute/AML; note 1
∆V50
adjusting range voltage
V37-35 = 10 mV (RMS)
−1.8 −
+1.8
V
V38-4
internal bias voltage
2.6
V
∆V
50-4/∆V38-4
adjusting gain
−−0.9
−−
Ri38
input resistance
80
k
MUTING DEPENDENCE ON ADJUST OF LEVEL UNWEIGHTED VOLTAGE; note 2
V43/V47
start of mute
V49/V21 = 0.625
1
3
7
dB
mute slope
V43/V47 = −6dB
25
dB/V
Soft mute, time constant control, mono/stereo blend and high-cut control; see Fig.22
MUTE VOLTAGE; note 3
V49-4
mute voltage
V38 = 2.52 V
V37-35 < 2.5 µV
1.8
2.2
3.2
V
V37-35 = 1.0 mV
2.7
3.4
4.7
V
∆V
49-4/∆V37-35
slope of mute voltage
100
µV (RMS) ≤ V37-35
< 300 mV
0.75
0.9
1.05
V/20 dB
∆V49-4/VK
temperature dependency
V37-35 =1mV
5.0
mV/VK
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
∆V
43 V47
∆V
49
--------------------------


Número de pieza similar - TEA6823T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6824 PHILIPS-TEA6824 Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
More results

Descripción similar - TEA6823T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com