Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AHCT08RGYR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74AHCT08RGYR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 25 page SN54AHCT08, SN74AHCT08 QUADRUPLE 2-INPUT POSITIVE-AND GATES SCLS237L – OCTOBER 1995 – REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Inputs Are TTL-Voltage Compatible D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y SN54AHCT08 ...J OR W PACKAGE SN74AHCT08 . . . D, DB, DGV, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B SN54AHCT08 . . . FK PACKAGE (TOP VIEW) NC – No internal connection SN74AHCT08 . . . RGY PACKAGE (TOP VIEW) 114 78 2 3 4 5 6 13 12 11 10 9 4B 4A 4Y 3B 3A 1B 1Y 2A 2B 2Y description/ordering information The ’AHCT08 devices are quadruple 2-input positive-AND gates. These devices perform the Boolean function Y + A • BorY + A ) B in positive logic. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING QFN – RGY Tape and reel SN74AHCT08RGYR HB08 PDIP – N Tube SN74AHCT08N SN74AHCT08N SOIC – D Tube SN74AHCT08D AHCT08 SOIC – D Tape and reel SN74AHCT08DR AHCT08 –40 °C to 85°C SOP – NS Tape and reel SN74AHCT08NSR AHCT08 SSOP – DB Tape and reel SN74AHCT08DBR HB08 TSSOP PW Tube SN74AHCT08PW HB08 TSSOP – PW Tape and reel SN74AHCT08PWR HB08 TVSOP – DGV Tape and reel SN74AHCT08DGVR HB08 CDIP – J Tube SNJ54AHCT08J SNJ54AHCT08J –55 °C to 125°C CFP – W Tube SNJ54AHCT08W SNJ54AHCT08W LCCC – FK Tube SNJ54AHCT08FK SNJ54AHCT08FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Número de pieza similar - SN74AHCT08RGYR |
|
Descripción similar - SN74AHCT08RGYR |