Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSC-MWT801-S Datasheet(PDF) 10 Page - Seoul Semiconductor

No. de pieza SSC-MWT801-S
Descripción Electrónicos  TOP LED DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MWT801-S Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SSC-MWT801-S Datasheet HTML 2Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 3Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 4Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 5Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 6Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 7Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 8Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 9Page - Seoul Semiconductor SSC-MWT801-S Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
11. Characteristic Diagram
(TA=25oC)
(TA=25oC)
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 10/10 -
SSC-MWT801-S
SSC-QP-0401-06(REV.11)
IF=20mA Ta=25°C
Forward Current Derating Curve
Ambient Temperature TA [
oC ]
Radiation
(TA=25oC)
-90
-60
-30
90
60
30
0
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
0.1
10
Forward Current vs Forward Voltage
0
10203040
0
20
40
60
80
100
120
140
Intensity vs Forward Current
Forward Voltage VF [V]
Forward Current IF [mA]
Color Coordinate Variation By Time
-200
0
200
400
600
800
1000
1200
0.308
0.312
0.316
0.320
0.324
0.328
0.332
0.336
0.308
0.312
0.316
0.320
0.324
0.328
0.332
0.336
x coordinate
y coordinate
Measurement Time [hr]
-60
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
T
A
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
IF=20mA
B
Ambient Temperature
Luminous Intensity vs. Ambient Temperature


Número de pieza similar - SSC-MWT801-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
More results

Descripción similar - SSC-MWT801-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com