Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSA5521 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TSA5521
Descripción Electrónicos  1.3 GHz universal bus-controlled TV synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5521 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TSA5521 Datasheet HTML 6Page - NXP Semiconductors TSA5521 Datasheet HTML 7Page - NXP Semiconductors TSA5521 Datasheet HTML 8Page - NXP Semiconductors TSA5521 Datasheet HTML 9Page - NXP Semiconductors TSA5521 Datasheet HTML 10Page - NXP Semiconductors TSA5521 Datasheet HTML 11Page - NXP Semiconductors TSA5521 Datasheet HTML 12Page - NXP Semiconductors TSA5521 Datasheet HTML 13Page - NXP Semiconductors TSA5521 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1996 Oct 10
10
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Short-circuit between VCC1 and VCC2 is allowed provided the voltage applied to VCC2 is less than the 6 V maximum
rating at VCC1.
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling bipolar devices. Every pin withstands the ESD test in
accordance with
“MIL-STD-883C category B” (2000 V). Every pin withstands the ESD test in accordance with Philips
Semiconductors Machine Model 0
Ω, 200 pF (200 V).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC1
supply voltage; +5 V (pin 3)
−0.3
+6.0
V
VCC2
band switch supply voltage; +12 V (pin 4)
−0.3
+16
V
Vi(RF)
prescaler input voltage
−0.3
VCC1
V
Vo(BSn)
band switch buffers output voltage
(pins 5 to 8)
−0.3
VCC2
V
Io(BSn)
band switch buffers output current
−1
+50
mA
Vo(CP)
charge-pump output voltage (pin 9)
−0.3
VCC1
V
Vo(tune)
output tuning voltage (pin 10)
−0.3
+35
V
Vi(SW)
input switching voltage (pin 11)
−0.3
VCC1
V
Vo(LOCK)
lock output voltage (pin 12)
−0.3
VCC1
V
Vi(SCL)
serial clock input voltage (pin 13)
−0.3
+6.0
V
Vi/o(SDA)
serial data input/output voltage (pin 14)
−0.3
+6.0
V
Io(SDA)
serial data output current
−1
+10
mA
Vi(CE)
chip enable input voltage (pin 15)
−0.3
+6.0
V
Vi(xtal)
crystal oscillator input voltage (pin 16)
−0.3
VCC1
V
Tstg
IC storage temperature
−40
+150
°C
Tj
maximum junction temperature
+150
°C
tsc
short-circuit time; every pin except pin 4 to
pin 3 and every pin to pin 2
note 1
10
s
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SO16
110
K/W
SSOP16
142
K/W


Número de pieza similar - TSA5521

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5522M PHILIPS-TSA5522M Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5522T PHILIPS-TSA5522T Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5523M/C1 PHILIPS-TSA5523M/C1 Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
More results

Descripción similar - TSA5521

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
NXP Semiconductors
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com