Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSC-MGT722 Datasheet(PDF) 11 Page - Seoul Semiconductor

No. de pieza SSC-MGT722
Descripción Electrónicos  TOP LED DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MGT722 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SSC-MGT722 Datasheet HTML 3Page - Seoul Semiconductor SSC-MGT722 Datasheet HTML 4Page - Seoul Semiconductor SSC-MGT722 Datasheet HTML 5Page - Seoul Semiconductor SSC-MGT722 Datasheet HTML 6Page - Seoul Semiconductor SSC-MGT722 Datasheet HTML 7Page - Seoul Semiconductor SSC-MGT722 Datasheet HTML 8Page - Seoul Semiconductor SSC-MGT722 Datasheet HTML 9Page - Seoul Semiconductor SSC-MGT722 Datasheet HTML 10Page - Seoul Semiconductor SSC-MGT722 Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
12. Characteristic Diagram
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 11/10 -
SSC-MGT722
SSC-QP-7-03-08(REV.07)
0
30
60
90
120
150
180
210
240
270
300
0
1
2
3
4
5
6
(100)
(90)
(80)
(70)
(60)
(50)
(40)
(30)
(10)
(20)
< per die
< total
Forward Current vs Forward Voltage
(per die)
Forward Current Derating Curve
(per die)
(Ta=25ºC)
(Ta=25ºC)
Relative Luminous Intensity vs Forward Current
(Total)
Forward Current IF [mA]
2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
1
10
100
50
20
5
Forward Voltage VF [V]
Ambient Temperature TA [
oC ]
0
2040
6080
100
0
10
20
30
40
3 Chip ON
-90
Radiation Diagram
(TA=25ºC)
-60
-30
90
60
30
0


Número de pieza similar - SSC-MGT722

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SSC-MGT801 SEOUL-SSC-MGT801 Datasheet
341Kb / 8P
   TOP LED DEVICE
More results

Descripción similar - SSC-MGT722

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com