Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSA5521T Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TSA5521T
Descripción Electrónicos  1.3 GHz universal bus-controlled TV synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5521T Datasheet(HTML) 5 Page - NXP Semiconductors

  TSA5521T Datasheet HTML 1Page - NXP Semiconductors TSA5521T Datasheet HTML 2Page - NXP Semiconductors TSA5521T Datasheet HTML 3Page - NXP Semiconductors TSA5521T Datasheet HTML 4Page - NXP Semiconductors TSA5521T Datasheet HTML 5Page - NXP Semiconductors TSA5521T Datasheet HTML 6Page - NXP Semiconductors TSA5521T Datasheet HTML 7Page - NXP Semiconductors TSA5521T Datasheet HTML 8Page - NXP Semiconductors TSA5521T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1996 Oct 10
5
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MKA965
8
BS1
7
BS2
6
BS3
5
BS4
4-BIT BAND SWITCH
REGISTER
GATE
7-BIT CONTROL
REGISTER
15-BIT FREQUENCY
REGISTER
IN-LOCK
DETECTOR
LOCK
DIGITAL
PHASE
COMPARATOR
RSA,RSB
T2,T1,T0
11
15
14
13
SCL
SDA
CE
I C/3-WIRE BUS
RECEIVER
2
T2,T1,T0
AMP
CHARGE
PUMP
9
10
LOGIC
VCC1
VEE
3
2
12
LOCK
4
VCC2
SW
POWER-ON
RESET
XTAL
OSCILLATOR
DIVIDER
512/640/1024
RSA
AMP
RSB
XTAL
16
OS
CP
CP
PRESCALER
DIVIDE-BY-8
1
RF
15-BIT
PROGRAMMABLE
DIVIDER
fdiv
f ref
TSA5520
TSA5521
Vtune


Número de pieza similar - TSA5521T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5522M PHILIPS-TSA5522M Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5522T PHILIPS-TSA5522T Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5523M/C1 PHILIPS-TSA5523M/C1 Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
More results

Descripción similar - TSA5521T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
NXP Semiconductors
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com