Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74CBTLV1G125 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
74CBTLV1G125 Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 18 page 74CBTLV1G125 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 2 February 2007 10 of 18 NXP Semiconductors 74CBTLV1G125 Single bus switch Measurement points are given in Table 11. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load. Fig 12. enable and disable times 001aad720 tPZL tPZH tPHZ tPLZ GND GND VI VCC VOL VOH VM VM VM VX VY switch disabled switch enabled switch enabled output LOW-to-OFF OFF-to-LOW output HIGH-to-OFF OFF-to-HIGH OE input A or B A or B Table 11. Measurement points Supply voltage Input Output VCC VM VM VX VY 2.3 V to 2.7 V 0.5VCC 0.5VCC VOL + 0.15 V VOH − 0.15 V 3.0 V to 3.6 V 0.5VCC 0.5VCC VOL + 0.3 V VOH − 0.3 V |
Número de pieza similar - 74CBTLV1G125 |
|
Descripción similar - 74CBTLV1G125 |