Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OP168FC Datasheet(PDF) 1 Page - OPTEK Technologies |
|
OP168FC Datasheet(HTML) 1 Page - OPTEK Technologies |
1 / 6 page OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A 06/07 Page 1 of 6 Plastic Infrared Emitting Diode OP168F, OP169, OP268F, OP269 Series Description: Each diode in this series is molded into an end-looking plastic package. The package for all OP168F and OP268F devices is black, whereas the package for all OP169 and OP269 packages is clear. OP168F and OP169 devices are GaAs. OP268F and OP269 devices are GaAIAs. The OP268FPS is an 850nm gallium aluminum arsenide infrared emitting diode molded in a end-looking miniature plastic package. The advantage of this emitter is that it emits photons from a 0.004” area that is aligned with the package optical centerline. Unlike other GaAlAs emitters, this device performs more like an ideal point source and is suitable for use with lenses to create collimated light sources that can be used in a variety of applications. Due to their small size, all diodes in this series offer considerable design flexibility. The OP168F and OP268F series are mechanically and spectrally matched to the OP508F series phototransistor and the OP538F series photodarlingtons. The OP169 and OP269 series are mechanically and spectrally matched to the OP509 series phototransistors. Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data. For custom screening contact your OPTEK representative. Features: • Flat lens for wide radiation angle (OP168, OP268) • Integral lens for narrow beam angle (OP169, OP269) • Easily stackable on 0.100” (2.54 mm) hole centers • Mechanically and spectrally matched to other OPTEK devices Applications: • Space-limited applications • Excellent design flexibility • PCBoard mounted slotted switch • PCBoard interrupter Ordering Information Part Number LED Peak Wavelength Total Beam Angle Lead Length OP168FA 935 nm 104° 0.50" OP168FB OP168FC OP169A 935 nm 18° OP169B OP169C OP268FA 890 nm OP268FB OP268FC OP268FPS 850 nm 50° OP269A 890 nm 18” OP269B OP269C 104° OP168 OP268 OP169 OP269 RoHS |
Número de pieza similar - OP168FC |
|
Descripción similar - OP168FC |