Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4349-DZZR Datasheet(PDF) 1 Page - Cirrus Logic

No. de pieza CS4349-DZZR
Descripción Electrónicos  192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4349-DZZR Datasheet(HTML) 1 Page - Cirrus Logic

  CS4349-DZZR Datasheet HTML 1Page - Cirrus Logic CS4349-DZZR Datasheet HTML 2Page - Cirrus Logic CS4349-DZZR Datasheet HTML 3Page - Cirrus Logic CS4349-DZZR Datasheet HTML 4Page - Cirrus Logic CS4349-DZZR Datasheet HTML 5Page - Cirrus Logic CS4349-DZZR Datasheet HTML 6Page - Cirrus Logic CS4349-DZZR Datasheet HTML 7Page - Cirrus Logic CS4349-DZZR Datasheet HTML 8Page - Cirrus Logic CS4349-DZZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
Features
Advanced Multi-bit Delta-Sigma Architecture
101 dB Dynamic Range
-91 dB THD+N at 5.0 V
-84 dB THD+N at 3.3 V
24-Bit Conversion
Supports Audio Sample Rates Up to 192 kHz
Low-Latency Digital Filtering
Single-Ended Analog Output Architecture
Automatic Sample-Rate Range Detection
Popguard® Technology for Control of Clicks
and Pops
– Hardware Popguard Disable for Fast
Startups
Supports All Standard Serial Audio Formats
Including Time-Division Multiplexed (TDM)
+3.3 V or +5.0 V Analog Supply
+1.5 V to +5.0 V Logic Supplies for Serial Port
+3.3 V to +5.0 V Control Port Interface
Control Port Mode Features
SPI™ and I²C® Modes
ATAPI Mixing
Mute Control for Individual Channels
Digital Volume Control with Soft Ramp
– 127.5 dB Attenuation
– 1/2 dB Step Size
– Zero Crossing Click-Free Transitions
PCM
Serial
Interface
Serial Audio Input
Right
Channel
Output
Left
Channel
Output
Reset
3.3 V to 5 V
Register/
Hardware
Configuration
Hardware or I2C/
SPI Control Data
1.5 V to 5 V
Internal Voltage
Reference
and Regulation
Interpolation
Filter with
Volume
Control
Interpolation
Filter with
Volume
Control
Multibit
ΔΣ
Modulator
Multibit
ΔΣ
Modulator
Amp
+
Filter
Amp
+
Filter
Left and
Right Mute
Controls
External
Mute
Control
DAC
DAC
3.3 V to 5 V
AUGUST '07
DS782F1
CS4349


Número de pieza similar - CS4349-DZZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4340 CIRRUS-CS4340 Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
CS4340-BS CIRRUS-CS4340-BS Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
CS4340-CZZ CIRRUS-CS4340-CZZ Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CS4340-DSZ CIRRUS-CS4340-DSZ Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CS4340-KS CIRRUS-CS4340-KS Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
More results

Descripción similar - CS4349-DZZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4398 CIRRUS-CS4398 Datasheet
767Kb / 46P
   120 dB, 192 kHz Multi-Bit DAC with Volume Control
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com