Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS4382A-CQZR Datasheet(PDF) 3 Page - Cirrus Logic |
|
CS4382A-CQZR Datasheet(HTML) 3 Page - Cirrus Logic |
3 / 47 page DS618PP2 3 CS4382A 6.5.1 Invert Signal Polarity (Inv_Xx) ............................................................................................... 37 6.6 Mixing Control Pair 1 (Channels A1 & B1)(address 06h) Mixing Control Pair 2 (Channels A2 & B2)(address 09h) Mixing Control Pair 3 (Channels A3 & B3)(address 0Ch) Mixing Control Pair 4 (Channels A4 & B4)(address 0Fh) ..................................................................... 37 6.6.1 Channel A Volume = Channel B Volume (A=B) .................................................................... 37 6.6.2 ATAPI Channel Mixing and Muting (ATAPI) .......................................................................... 37 6.6.3 Functional Mode (FM) ........................................................................................................... 38 6.7 Volume Control (addresses 07h, 08h, 0Ah, 0Bh, 0Dh, 0Eh) ........................................................ 39 6.7.1 Mute (MUTE) ......................................................................................................................... 39 6.7.2 Volume Control (xx_VOL) ..................................................................................................... 39 6.8 Chip Revision (address 12h) ......................................................................................................... 40 6.8.1 Part Number ID (part) [Read Only] ........................................................................................40 7. FILTER PLOTS ..................................................................................................................................... 41 8. PARAMETER DEFINITIONS ................................................................................................................ 45 9. PACKAGE DIMENSIONS .................................................................................................................... 46 10. ORDERING INFORMATION .............................................................................................................. 47 11. REFERENCES .................................................................................................................................... 47 12. REVISION HISTORY ......................................................................................................................... 47 |
Número de pieza similar - CS4382A-CQZR |
|
Descripción similar - CS4382A-CQZR |