Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5102A Datasheet(PDF) 4 Page - Cirrus Logic

No. de pieza CS5102A
Descripción Electrónicos  16-bit, 100 kSps / 20 kSps A/D Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5102A Datasheet(HTML) 4 Page - Cirrus Logic

  CS5102A Datasheet HTML 1Page - Cirrus Logic CS5102A Datasheet HTML 2Page - Cirrus Logic CS5102A Datasheet HTML 3Page - Cirrus Logic CS5102A Datasheet HTML 4Page - Cirrus Logic CS5102A Datasheet HTML 5Page - Cirrus Logic CS5102A Datasheet HTML 6Page - Cirrus Logic CS5102A Datasheet HTML 7Page - Cirrus Logic CS5102A Datasheet HTML 8Page - Cirrus Logic CS5102A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
CS5101A CS5102A
4
DS45F6
1. CHARACTERISTICS & SPECIFICATIONS
ANALOG CHARACTERISTICS, CS5101A
(TA = TMIN to TMAX; VA+, VD+ = 5V; VA-, VD- = -5V; VREF = 4.5V; Full-scale Input sine wave, 1 kHz; CLKIN = 8 MHz; fs =
100 kSps; Bipolar Mode; FRN Mode; AIN1 and AIN2 tied together, each channel tested separately; Analog Source Impedance
= 50
Ω with 1000 pF to AGND unless otherwise specified)
Notes: 1. Applies after calibration at any temperature within the specified temperature range.
2. Total drift over specified temperature range after calibration at power-up, at 25
º C.
3. Minimum resolution for which no missing codes is guaranteed over the specified temperature range.
4. Wideband noise aliased into the baseband, referred to the input.
* Refer to Parameter Definitions (immediately following the pin descriptions at the end of this data sheet.
Parameter*
CS5101A-J
CS5101A-B
Unit
Min
Typ
Max
Min
Typ
Max
Specified Temperature Range
0 to +70
-40 to +85
ºC
Accuracy
Linearity Error
-J
(Note 1)
-B
Drift (Note 2)
-
-
-
0.002
0.001
±¼
0.003
0.002
-
-
-
-
0.002
0.001
±¼
0.003
0.002
-
%FS
%FS
∆LSB
Differential Linearity
(Note 3)
16
--
16
--
Bits
Full-scale Error
-J
(Note 1)
-B
Drift (Note 2)
-
-
-
±1
±1
±1
±4
±3
-
-
-
-
±1
±1
±1
±4
±3
-
LSB
LSB
∆LSB
Unipolar Offset
-J
(Note 1)
-B
Drift (Note 2)
-
-
-
±2
±2
±1
±5
±4
-
-
-
-
±2
±2
±1
±5
±4
-
LSB
LSB
∆LSB
Bipolar Offset
-J
(Note 1)
-B
Drift (Note 2)
-
-
-
±2
±2
±1
±5
±3
-
-
-
-
±2
±2
±2
±5
±3
-
LSB
LSB
∆LSB
Bipolar Negative Full-scale Error
-J
(Note 1)
-B
Drift (Note 2)
-
-
-
±1
±1
±1
±4
±3
-
-
-
-
±1
±1
±1
±4
±3
-
LSB
LSB
∆LSB
Dynamic Performance (Bipolar Mode)
Peak Harmonic or Spurious Noise
(Note 1)
1-kHz Input
-J
-B
12-kHz Input
-J
-B
96
98
85
85
100
102
88
91
-
-
-
-
96
98
85
85
100
102
88
91
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion
-J
-B
-
-
0.002
0.001
-
-
-
-
0.002
0.001
-
-
%
%
Signal-to-Noise Ratio
(Note 1)
0 dB Input
-J
-B
-60 dB Input
-J
-B
87
90
-
-
90
92
30
32
-
-
-
-
87
90
-
-
90
92
30
32
-
-
-
-
dB
dB
dB
dB
Noise
(Note 4)
Unipolar Mode
Bipolar Mode
-
-
35
70
-
-
-
-
35
70
-
-
µVrms
µVrms


Número de pieza similar - CS5102A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5102A CIRRUS-CS5102A Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5102A-AL CIRRUS-CS5102A-AL Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5102A-AP CIRRUS-CS5102A-AP Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5102A-BL CIRRUS-CS5102A-BL Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5102A-BP CIRRUS-CS5102A-BP Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
More results

Descripción similar - CS5102A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD976ARZ AD-AD976ARZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ANZ AD-AD976ANZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976 AD-AD976_15 Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRZ AD-AD976ABRZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AANZ AD-AD976AANZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976CNZ AD-AD976CNZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976BRSZ AD-AD976BRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ARZRL AD-AD976ARZRL Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com