Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM358 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza LM358
Descripción Electrónicos  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM358_04 Datasheet HTML 6Page - ON Semiconductor LM358_04 Datasheet HTML 7Page - ON Semiconductor LM358_04 Datasheet HTML 8Page - ON Semiconductor LM358_04 Datasheet HTML 9Page - ON Semiconductor LM358_04 Datasheet HTML 10Page - ON Semiconductor LM358_04 Datasheet HTML 11Page - ON Semiconductor LM358_04 Datasheet HTML 12Page - ON Semiconductor LM358_04 Datasheet HTML 13Page - ON Semiconductor LM358_04 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
11
PDIP−8
N SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS
x
= 2 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
PDIP−8
AN SUFFIX
CASE 626
SOIC−8
VD SUFFIX
CASE 751
PDIP−8
VN SUFFIX
CASE 626
1
8
LMx58N
AWL
YYWW
1
8
LM2904AN
AWL
YYWW
1
8
LM2904N
AWL
YYWW
1
8
LM2904VN
AWL
YYWW
ALYW
LMx58
1
8
ALYW
2904
1
8
ALYW
2904V
1
8
Micro8
DMR2 SUFFIX
CASE 846A
x58
AYW
1
8
2904
AYW
1
8
904A
AYW
1
8
904V
AYW
1
8
*This diagram also applies to NCV2904
*
*


Número de pieza similar - LM358_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
LM358 UTC-LM358_05 Datasheet
258Kb / 7P
   DUAL OPERATIONAL AMPLIFIER
logo
HTC Korea TAEJIN Techno...
LM358 HTC-LM358_08 Datasheet
118Kb / 4P
   DUAL OPERATIONAL AMPLIFIERS
More results

Descripción similar - LM358_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com