Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z0109NA Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza Z0109NA
Descripción Electrónicos  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0109NA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button Z0109NA Datasheet HTML 3Page - NXP Semiconductors Z0109NA Datasheet HTML 4Page - NXP Semiconductors Z0109NA Datasheet HTML 5Page - NXP Semiconductors Z0109NA Datasheet HTML 6Page - NXP Semiconductors Z0109NA Datasheet HTML 7Page - NXP Semiconductors Z0109NA Datasheet HTML 8Page - NXP Semiconductors Z0109NA Datasheet HTML 9Page - NXP Semiconductors Z0109NA Datasheet HTML 10Page - NXP Semiconductors Z0109NA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
7 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Fig 10. Normalized critical rate of rise of off-state
voltage as a function of junction temperature;
typical values.
Fig 11. Normalized gate trigger voltage as a function of
junction temperature; typical values.
1.6
1.2
0.8
0.4
0
a
0
50
100
150
T
j
(
°C)
003aaa208
150
100
50
0
-50
1.6
1.2
0.8
0.4
0
a
003aaa209
Tj (°C)
a
dV
D dt
dV
D25
°C
() dt
-----------------------------------
=
a
V
GT
V
GT 25 C
°
()
-------------------------
=


Número de pieza similar - Z0109NA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
Z0109NA STMICROELECTRONICS-Z0109NA Datasheet
74Kb / 8P
   1A TRIACS
Z0109NA STMICROELECTRONICS-Z0109NA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109NA NXP-Z0109NA Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 04-4 August 2009
logo
Tiger Electronic Co.,Lt...
Z0109NA TGS-Z0109NA Datasheet
153Kb / 1P
   1A TRIACS
logo
NXP Semiconductors
Z0109NA NXP-Z0109NA Datasheet
819Kb / 14P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
More results

Descripción similar - Z0109NA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com