Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC40105MT Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza CD74HC40105MT
Descripción Electrónicos  High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40105MT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC40105MT Datasheet HTML 4Page - Texas Instruments CD74HC40105MT Datasheet HTML 5Page - Texas Instruments CD74HC40105MT Datasheet HTML 6Page - Texas Instruments CD74HC40105MT Datasheet HTML 7Page - Texas Instruments CD74HC40105MT Datasheet HTML 8Page - Texas Instruments CD74HC40105MT Datasheet HTML 9Page - Texas Instruments CD74HC40105MT Datasheet HTML 10Page - Texas Instruments CD74HC40105MT Datasheet HTML 11Page - Texas Instruments CD74HC40105MT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPHL,
tPLH
CL = 50pF
2
-
-
175
-
220
-
265
ns
MR to DIR, DOR
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
SI to DIR
tPHL,
tPLH
CL = 50pF
2
-
-
210
-
265
-
315
ns
CL = 50pF
4.5
-
-
42
-
53
-
63
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
CL = 50pF
6
-
-
36
-
45
-
54
ns
SO to DOR
tPHL,
tPLH
CL = 50pF
2
-
-
210
-
265
-
315
ns
CL = 50pF
4.5
-
-
42
-
53
-
63
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
CL = 50pF
6
-
-
36
-
45
-
54
ns
SO to Qn
tPHL,
tPLH
CL = 50pF
2
-
-
400
-
500
-
600
ns
CL = 50pF
4.5
-
-
80
-
100
-
120
ns
CL = 15pF
5
-
35
-
-
-
-
-
ns
CL = 50pF
6
-
-
68
-
85
-
102
ns
Propagation Delay/Ripple thru
Delay
SI to DOR
tPLH
CL = 50pF
2
-
-
2000
-
2500
-
3000
ns
4.5
-
-
400
-
500
-
600
ns
6
-
-
340
-
425
-
510
ns
Propagation Delay/Ripple thru
Delay
SO to DIR
tPLH
CL = 50pF
2
-
-
2500
-
3125
-
3750
ns
4.5
-
-
500
-
625
-
750
ns
6
-
-
425
-
532
-
638
ns
Propagation Delay/Ripple thru
Delay
SI to Qn
tPLH
CL = 50pF
2
-
-
1500
-
1900
-
2250
ns
4.5
-
-
300
-
380
-
450
ns
6
-
-
260
-
330
-
380
ns
Three-State Output Enable
OE to Qn
tPZH, tPZL CL = 50pF
2
-
-
150
-
190
-
225
ns
4.5
-
-
30
-
38
-
45
ns
6
-
-
26
-
33
-
38
ns
Three-State Output Disable
OE to Qn
tPHZ, tPLZ CL = 50pF
2
-
-
140
-
175
-
210
ns
CL = 50pF
4.5
-
-
28
-
35
-
42
ns
CL = 50pF
6
-
-
24
-
30
-
36
ns
Output Transition Time
tTLH,tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Maximum SI, SO Frequency
fMAX
CL = 15pF
5
-
32
-
-
-
-
-
MHz
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
5
-
83
-
-
-
-
-
pF
CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105


Número de pieza similar - CD74HC40105MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC40105MT TI-CD74HC40105MT Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105MT TI-CD74HC40105MT Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105MTE4 TI-CD74HC40105MTE4 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105MTE4 TI-CD74HC40105MTE4 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105MTG4 TI-CD74HC40105MTG4 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results

Descripción similar - CD74HC40105MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com